Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG23T-TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYG23T-TR
Description  Glass passivated pellet chip junction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG23T-TR Datasheet(HTML) 2 Page - Vishay Siliconix

  BYG23T-TR Datasheet HTML 1Page - Vishay Siliconix BYG23T-TR Datasheet HTML 2Page - Vishay Siliconix BYG23T-TR Datasheet HTML 3Page - Vishay Siliconix BYG23T-TR Datasheet HTML 4Page - Vishay Siliconix BYG23T-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYG23T-M3
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
2
Document Number: 89429
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Free air, mounted on recommended PCB 1 oz. pad area. Thermal resistance RJA - junction to ambient, RJM - junction to mount.
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 1.0 A
TA = 25 °C
VF
1.74
1.9
V
TA = 125 °C
1.39
1.65
Reverse current (2)
VR = 1300 V
TA = 25 °C
IR
-5.0
μA
TA = 125 °C
2.9
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
TA = 25 °C
trr
65
75
ns
Forward recovery time
IF = 1.5 A, dI/dt = 12 A/μs, 
VF = 1.1 x VF max.
TA = 25 °C
tfr
620
-
Peak forward voltage
VFP
9.0
-
V
Typical junction capacitance
4.0 V, 1 MHz
CJ
9.0
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG23T
UNIT
Typical thermal resistance (1)
RJA
120
°C/W
RJM
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QANTITY
DELIVERY MODE
BYG23T-M3/TR
0.064
TR
1800
7" diameter plastic tape and reel
BYG23T-M3/TR3
0.064
TR3
7500
13" diameter plastic tape and reel


Similar Part No. - BYG23T-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
   High Voltage Ultrafast Avalanche SMD Rectifiers
01-Jan-2022
More results

Similar Description - BYG23T-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS240-M3 VISHAY-MURS240-M3 Datasheet
91Kb / 5P
   Glass passivated pellet chip junction
Revision: 20-Feb-15
S2A-M3 VISHAY-S2A-M3 Datasheet
89Kb / 4P
   Glass passivated pellet chip junction
Revision: 19-Feb-16
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com