Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F040A Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT49F040A
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F040A Datasheet HTML 1Page - ATMEL Corporation AT49F040A Datasheet HTML 2Page - ATMEL Corporation AT49F040A Datasheet HTML 3Page - ATMEL Corporation AT49F040A Datasheet HTML 4Page - ATMEL Corporation AT49F040A Datasheet HTML 5Page - ATMEL Corporation AT49F040A Datasheet HTML 6Page - ATMEL Corporation AT49F040A Datasheet HTML 7Page - ATMEL Corporation AT49F040A Datasheet HTML 8Page - ATMEL Corporation AT49F040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
3359B–FLASH–10/04
Features
Single-voltage Operation
–5V Read
– 5V Reprogramming
Fast Read Access Time – 55 ns
Internal Program Control and Timer
Sector Architecture
– One 16K Bytes Boot Block with Programming Lockout
– Two 8K Bytes Parameter Blocks
– Eight Main Memory Blocks (One 32K Bytes, Seven 64K Bytes)
Fast Erase Cycle Time – 6 Seconds
Byte-by-Byte Programming – 20 µs/Byte Typical
Hardware Data Protection
DATA Polling for End of Program Detection
Low Power Dissipation
– 20 mA Active Current
– 70 µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49F040A is a 5-volt only in-system reprogrammable Flash memory. Its
4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with
Atmel’s advanced nonvolatile CMOS technology, the device offers access times to
55 ns with power dissipation of just 110 mW over the commercial temperature range.
4-megabit
(512K x 8)
5-volt Only
Flash Memory
AT49F040A
PLCC Top View
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
TSOP Top View (8 x 20 mm)
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn