Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2JA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S2JA
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S2JA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S2JA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S2JA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S2JA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
S2AA--S2MA
Document Number: SMA003AA
www.gmicroelec.com
1
FEATURES
Plastic package has underwriters laboratory
111 flammability classification 94V-0
For surface mounted applications
Low profile package
Built-in strain relief, ideal for automated placement
High temperature soldering: 250℃/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC,molded plastic over passivated chip
Terminals: Solder Plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current @ TL=90℃
I(AV)
2.0
A
Peak forward surge current @ TL = 110°C
8.3ms single half-sine-wave
superimposed on rated load(JEDEC Method)
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
UNITS
Typical junction capacitance (NOTE 1)
CJ
20
p F
Typical thermal resistance (NOTE 2)
RθJC
50
/W
Operating junction and storage temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
UNITS
Maximum Instantaneous forward voltage at 2.0A
VF
1.15
V
Maximum DC reverse current @TA=25°C
at rated DC blocking voltage @TA=125°C
IR
5.0
125
μ A
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and junction to lead P.C.B. mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Pb
Lead-free


Similar Part No. - S2JA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2JA SSE-S2JA Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
S2JA LUGUANG-S2JA Datasheet
178Kb / 2P
   1.5AMP.Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
S2JA SAMYANG-S2JA Datasheet
1Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
Diodes Incorporated
S2JA DIODES-S2JA Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
DIOTEC Electronics Corp...
S2JA DEC-S2JA Datasheet
1Mb / 2P
   For surface mounted applications
More results

Similar Description - S2JA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com