Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45S106-400L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 45S106-400L5
Description  STRAIGHT PLUG PCB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

45S106-400L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  45S106-400L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 45S106-400L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
DIN 41626
Coax Insert
STRAIGHT PLUG PCB
45S106-400L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
DIN 41626/2, BS 9525 F0011
Documents
PCB layout
B 30c
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
AuroDur®, gold plated
Outer contact
CuBe
AuroDur®, gold plated
Body
Brass
Gold, 0.1 µm min.
Clip
CuBe
Nickel, 2.5-5 µm
Dielectric
PTFE


Similar Part No. - 45S106-400L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S101-103L5 ROSENBERGER-45S101-103L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
More results

Similar Description - 45S106-400L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99S10D-40MA5-Y ROSENBERGER-99S10D-40MA5-Y Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
59S10M-40MT5-Y ROSENBERGER-59S10M-40MT5-Y Datasheet
178Kb / 3P
   STRAIGHT PLUG PCB
17S14D-400L5 ROSENBERGER-17S14D-400L5 Datasheet
191Kb / 2P
   Straight Plug PCB
D4S10E-40MA5-Y ROSENBERGER-D4S10E-40MA5-Y Datasheet
230Kb / 3P
   STRAIGHT PLUG PCB
D4S10A-40ML5 ROSENBERGER-D4S10A-40ML5 Datasheet
168Kb / 2P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-Y ROSENBERGER-D4S10A-400L5-Y Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
39S101-400L5 ROSENBERGER-39S101-400L5 Datasheet
40Kb / 2P
   SMC STRAIGHT PLUG PCB
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
   SMB STRAIGHT PLUG PCB
D4S12H-40MA5-Y ROSENBERGER-D4S12H-40MA5-Y Datasheet
411Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10P-40MA5-Y ROSENBERGER-D4S10P-40MA5-Y Datasheet
756Kb / 3P
   STRAIGHT PLUG FOR PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com