Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 80C012
Description  OPTICAL SAMPLING MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  80C012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
2
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
80C07B Multi-rate, Datacom & Telecom
Optical Sampling Module – The 80C07B
module is a broad wavelength (700 to
1650 nm) multi-rate optical sampling module
optimized for testing datacom/telecom
signals from 155 to 2500 Mb/s. With its
amplified O/E converter design, this module
provides excellent signal-to-noise perform-
ance, allowing users to examine low-power
optical signals. The 80C07B can be option-
ally configured with clock recovery that sup-
ports 155, 622, 1063, 1250, 2125, 2488,
2500 and 2666 Mb/s rates.
80C08C Multi-rate, Datacom & Telecom
Optical Sampling Module with 10GbE
Forward Error Correction – The 80C08C
module is a broad wavelength (700 to
1650 nm) multi-rate optical sampling module
providing datacom rate testing for 10GbE
applications at 9.953, 10.3125, 11.0957 Gb/s
and 10G Fibre Channel applications at
10.51875 Gb/s. The 80C08C also provides
telecom rate testing at 9.953, 10.664, and
10.709 Gb/s. With its amplified O/E converter
design, this module provides excellent signal-
to-noise performance and high optical
sensitivity, allowing users to examine low-
power level optical signals. The 80C08C
can be optionally configured with clock
recovery options that can support any stan-
dard or user defined rate in the continuous
range from 9.8 to 12.6 Gb/s.
80C10 65 GHz 40 Gb/s Optical Sampling
Module with 43 Gb/s ITU-T G.709
Forward Error Correction – The 80C10
module provides integrated and selectable
reference receiver filtering, enabling
conformance testing at either 1310 nm or
1550 nm for 39.813 Gb/s (OC-768/STM-
256) and 43.018 Gb/s (43 Gb/s ITU-T
G.709 FEC) rates. In addition to the filter
rates, the user may also choose selectable
bandwidths of 30 GHz or 65 GHz for optimal
noise vs. bandwidth performance for accu-
rate signal characterization. The 80C10 is
optionally available in a bundled ordering
configuration which includes a 70+ GHz
electrical sampling channel.
80C11 Multi-rate, Datacom & Telecom
Optical Sampling Module – The 80C11
module is a long wavelength (1100 to
1650 nm) multi-rate optical sampling module
optimized for testing 10 Gb/s datacom
and telecom standard rates at 9.953,
10.3125, 10.51875, 10.664, 10.709, and
11.0957 Gb/s. With its high optical band-
width of up to 30 GHz (typical) it is well-
suited for general purpose high-performance
10 Gb/s optical component testing. The
80C11 can be optionally configured with
clock recovery options that can support any
standard or user defined rate in the contin-
uous range from 9.8 to 12.6 Gb/s.
80C12 Multi-rate, Datacom & Telecom
Optical Sampling Module – The 80C012
module is a broad wavelength (700 to 1650
nm) multi-rate optical sampling module pro-
viding 1G, 2G, and 4G telecom and datacom
testing. This highly flexible module can be
configured to support either lower data rate
applications (1 to 4 Gb/s) or a wide variety
of 10 Gb/s applications. The low data rate
applications include: 1, 2, and 4 Fibre Channel
and “by 4” wavelength division multiplex
standards such as 10G Base-X4 and 4-Lane
10 Gb/s Fibre Channel. The supported 10
Gb/s application includes both datacom and
telecom application. The supported 10 Gb/s
datacom applications include 10GbE appli-
cations at 9.953, 10.3125, 11.0957 Gb/s
and 10G Fibre Channel applications at
10.51875 Gb/s. The 80C12 also provides
telecom rate testing at 9.953, 10.664, and
10.709 Gb/s. With its amplified O/E con-
verter design, this module provides excellent
signal-to-noise performance and high optical
sensitivity, allowing users to examine low-
power level optical signals. Clock recovery
for the 80C12 is provided via the 80A05
(sold separately).


Similar Part No. - 80C012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
   PINFET optical receiver modules
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
   Optical Spectrum Analyzer Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com