Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C08C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 80C08C
Description  OPTICAL SAMPLING MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C08C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 80C08C Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
9
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Sampling Module Characteristics (continued)
Optical Return Loss
Fiber Input Accepted
RMS Optical
RMS Optical
Independent
Noise (typical)
Noise (maximum)
Channel Deskew
80C01
>30 dB
Single-mode
8.0 µW at 622 Mb/s,
12.0 µW at 622 Mb/s,
Standard
2.488 Gb/s, 9.953 Gb/s,
2.488 Gb/s, 9.953 Gb/s,
12.5 GHz;
12.5 GHz;
15.0 µW at 20 GHz
25 µW at 20 GHz
80C02
>30 dB
Single-mode
6.0 µW at 9.953 Gb/s,
10.0 µW at 9.953 Gb/s,
Standard
12.5 GHz;
12.5 GHz mode;
10.0 µW at 20 GHz;
15 µW at 20 GHz;
15.0 µW at 30 GHz
30 µW at 30 GHz
80C07B
>14 dB (multi-mode)
Single- or multi-mode
0.50 µW at 155 Mb/s,
1.0 µW at 155 Mb/s,
Standard
>24 dB (single-mode)
622 Mb/s, 1063 Mb/s,
622 Mb/s, 1063 Mb/s,
1250 Mb/s;
1250 Mb/s;
0.70 µW
1.5 µW at 2.488/2.500 Gb/s
at 2.488/2.500 Gb/s
80C08C
>14 dB (multi-mode)
Single- or multi-mode
1.7 µW at all filter rates
3.0 µW at all filter rates
Standard
>24 dB (single-mode)
80C10
>30 dB
Single-mode
40 µW at 39.813 Gb/s,
60 µW at 39.813 Gb/s,
Standard
43.018 Gb/s (1550 nm);
43.018 Gb/s (1550 nm);
75 µW at 39.813 Gb/s,
110 µW at 39.813 Gb/s,
43.018 Gb/s (1310 nm);
43.018 Gb/s (1310 nm);
30 µW at 30 GHz mode
50 µW at 30 GHz
(1550 nm);
(1550 nm);
55 µW at 30 GHz mode
90 µW at 30 GHz
(1310 nm);
(1310 nm);
85 µW at 65 GHz mode
120 µW at 65 GHz
(1550 nm);
(1550 nm);
150 µW at 65 GHz mode
220 µW at 65 GHz
(1310 nm)
(1310 nm)
80C11
>30 dB
Single-mode
5.5 µW at all filter rates;
8.0 µW at all filter rates;
Standard
10.0 µW at 20 GHz
14.0 µW at 20 GHz
20.0 µW at 30 GHz
30.0 µW at 30 GHz
80C12
>14 dB (multi-mode)
Single- or multi-mode
1.7 µW (all filters except
3.0 µW ( all filters except
Standard
>24 dB (single-mode)
Option 10G)
Option 10G)
3.4 µW (‘Full BW’ and
6.0 µW (‘Full BW’ and
Option 10G filters)
Option 10G filters)


Similar Part No. - 80C08C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C08C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
   PINFET optical receiver modules
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
   Optical Spectrum Analyzer Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com