Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOW7841DWER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7841DWER
Description  High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolators With Integrated High-Efficiency, Low-Emissions DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISOW7841DWER Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISOW7841DWER Datasheet HTML 4Page - Texas Instruments ISOW7841DWER Datasheet HTML 5Page - Texas Instruments ISOW7841DWER Datasheet HTML 6Page - Texas Instruments ISOW7841DWER Datasheet HTML 7Page - Texas Instruments ISOW7841DWER Datasheet HTML 8Page - Texas Instruments ISOW7841DWER Datasheet HTML 9Page - Texas Instruments ISOW7841DWER Datasheet HTML 10Page - Texas Instruments ISOW7841DWER Datasheet HTML 11Page - Texas Instruments ISOW7841DWER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
ISOW7840, ISOW7841, ISOW7842, ISOW7843, ISOW7844
SLLSEY2 – MARCH 2017
www.ti.com
Product Folder Links: ISOW7840 ISOW7841 ISOW7842 ISOW7843 ISOW7844
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Safety-Related Certifications
All certifications are planned.
VDE
CSA
UL
CQC
TUV
Plan to certify according
to DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
Plan to certify under CSA
Component Acceptance
Notice 5A, IEC 60950-1
and IEC 60601-1
Plan to certify according
to UL 1577 Component
Recognition Program
Plan to certify according
to GB 4943.1-2011
Plan to certify according
to EN 61010-1:2010 (3rd
Ed) and EN 60950-
1:2006/A11:2009/A1:2010
/A 12:2011/A2:2013
Maximum transient
isolation voltage, 7071
VPK;
Maximum repetitive peak
isolation voltage, 1414
VPK;
Maximum surge isolation
voltage, 6250 VPK
Reinforced insulation per
CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.,
800 VRMS maximum
working voltage (pollution
degree 2, material group
I);
2 MOPP (Means of
Patient Protection) per
CSA 60601-1:14 and IEC
60601-1 Ed. 3.1, 250
VRMS maximum working
voltage
Single protection, 5000
VRMS
Reinforced Insulation,
Altitude
≤ 5000 m,
Tropical Climate, 400
VRMS maximum working
voltage;
5000 VRMS Reinforced
insulation per EN 61010-
1:2010 (3rd Ed) up to
working voltage of 600
VRMS
5000 VRMS Reinforced
insulation per EN 60950-
1:2006/A11:2009/A1:2010
/A 12:2011/A2:2013 up to
working voltage of 800
VRMS
Certificate planned
Certificate planned
Certificate planned
Certificate planned
Certificate planned
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
RθJA = 56.8°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 1
400
mA
RθJA = 56.8°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 1
611
PS
Safety input, output, or total power
RθJA = 56.8°C/W, TJ = 150°C, TA = 25°C,
see Figure 2
2200
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance. For more information see the Thermal Information section.


Similar Part No. - ISOW7841DWER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWEQ1 TI1-ISOW7841AQDWEQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWERQ1 TI1-ISOW7841AQDWERQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
More results

Similar Description - ISOW7841DWER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7741 TI-ISOW7741 Datasheet
2Mb / 41P
[Old version datasheet]   ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
ISOW7740 TI-ISOW7740_V01 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW1044 TI-ISOW1044 Datasheet
2Mb / 34P
[Old version datasheet]   ISOW1044 5-kVRMS Reinforced Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
   QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com