Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOW7841DWER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7841DWER
Description  High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolators With Integrated High-Efficiency, Low-Emissions DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISOW7841DWER Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISOW7841DWER Datasheet HTML 2Page - Texas Instruments ISOW7841DWER Datasheet HTML 3Page - Texas Instruments ISOW7841DWER Datasheet HTML 4Page - Texas Instruments ISOW7841DWER Datasheet HTML 5Page - Texas Instruments ISOW7841DWER Datasheet HTML 6Page - Texas Instruments ISOW7841DWER Datasheet HTML 7Page - Texas Instruments ISOW7841DWER Datasheet HTML 8Page - Texas Instruments ISOW7841DWER Datasheet HTML 9Page - Texas Instruments ISOW7841DWER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
ISOW7840, ISOW7841, ISOW7842, ISOW7843, ISOW7844
SLLSEY2 – MARCH 2017
www.ti.com
Product Folder Links: ISOW7840 ISOW7841 ISOW7842 ISOW7843 ISOW7844
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ISOW784x
UNIT
DWE (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
56.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.6
°C/W
RθJB
Junction-to-board thermal resistance
28.5
°C/W
ΨJT
Junction-to-top characterization parameter
2.4
°C/W
ΨJB
Junction-to-board characterization parameter
28.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
7.5 Power Ratings
VCC = 5.5 V, IISO = 110 mA, TJ = 150°C, TA ≤ 80°C, CL = 15 pF, input a 50-MHz 50% duty-cycle square wave
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
1.02
W
PD1
Maximum power dissipation (side-1)
0.51
W
PD2
Maximum power dissipation (side-2)
0.51
W


Similar Part No. - ISOW7841DWER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWEQ1 TI1-ISOW7841AQDWEQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWERQ1 TI1-ISOW7841AQDWERQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
More results

Similar Description - ISOW7841DWER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7741 TI-ISOW7741 Datasheet
2Mb / 41P
[Old version datasheet]   ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
ISOW7740 TI-ISOW7740_V01 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW1044 TI-ISOW1044 Datasheet
2Mb / 34P
[Old version datasheet]   ISOW1044 5-kVRMS Reinforced Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
   QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com