Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74LVC8T245-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # N74LVC8T245-EP
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

N74LVC8T245-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button N74LVC8T245-EP Datasheet HTML 2Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 3Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 4Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 5Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 6Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 7Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 8Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 9Page - Texas Instruments N74LVC8T245-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
SN74LVC8T245-EP
SCES770A – DECEMBER 2008 – REVISED MARCH 2017
www.ti.com
Product Folder Links: SN74LVC8T245-EP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information PW, DW and RHL
THERMAL METRIC(1)
SN74LVC8T245-EP
UNIT
PW
DW
RHL
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
90.6
68.1
36.2
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
27.6
35.6
27.9
°C/W
RθJB
Junction-to-board thermal resistance
45.3
37.8
13.5
°C/W
ψJT
Junction-to-top characterization parameter
1.3
13
0.5
°C/W
ψJB
Junction-to-board characterization parameter
44.8
37.5
13.4
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
3.6
°C/W
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
TA = –55°C to 125°C
UNIT
MIN
TYP MAX
MIN
MAX
VOH
IOH = –100 μA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
V
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
IOH = –24 mA,
VI = VIH
3 V
3 V
2.4
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.8
VOL
IOL = 100 μA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
V
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
II
DIR
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
–1
1
–2
2
μA
Ioff
A or B
port
VI or VO = 0 to 5.5 V
0 V
0 V to 5.5 V
–1
1
–11
11
μA
0 V to 5.5 V
0 V
–1
1
–11
11
IOZ
A or B
port
VO = VCCO or GND,
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
–1
1
–6
6
μA
ICCA
VI = VCCI or GND,
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
20
μA
5 V
0 V
20
0 V
5 V
–10
ICCB
VI = VCCI or GND,
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
20
μA
5 V
0 V
–10
0 V
5 V
20
ICCA +
ICCB
VI = VCCI or GND,
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
40
μA
ΔICCA
A port
One A port at VCCA – 0.6 V,
DIR at VCCA, B port = open
3 V to 5.5 V
3 V to 5.5 V
50
μA
DIR
DIR at VCCA – 0.6 V,
B port = open,
A port at VCCA or GND
50
ΔICCB
B port
One B port at VCCB – 0.6 V,
DIR at GND, A port = open
3 V to 5.5 V
3 V to 5.5 V
50
μA
Ci
Control
inputs
VI = VCCA or GND
3.3 V
3.3 V
4
5
pF
Cio
A or B
port
VO = VCCA/B or GND
3.3 V
3.3 V
8.5
10
pF


Similar Part No. - N74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N74L5283D ETC1-N74L5283D Datasheet
117Kb / 4P
   4-Bit Full Adder With Fast Carry Product Specitication
December 4, 1985
N74LS181N ETC1-N74LS181N Datasheet
814Kb / 8P
   74181, LS181, 5181 Arithmetic Logic Units 4-Blt Arithmetlc Loglc Unit Product Speciflcation
December 4, 1985
N74LS283N ETC1-N74LS283N Datasheet
117Kb / 4P
   4-Bit Full Adder With Fast Carry Product Specitication
December 4, 1985
N74LS363N ETC1-N74LS363N Datasheet
258Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3 - STATE OUTPUTS PRODUCT SPECIFICATION
N74LS76F ETC-N74LS76F Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
More results

Similar Description - N74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com