Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC8T245-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC8T245-EP
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC8T245-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC8T245-EP Datasheet HTML 6Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 7Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 8Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 9Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 10Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 11Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 12Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 13Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DIR
OE
A1
B1
To Seven Other Channels
2
3
22
21
10
SN74LVC8T245-EP
SCES770A – DECEMBER 2008 – REVISED MARCH 2017
www.ti.com
Product Folder Links: SN74LVC8T245-EP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The SN74LVC8T245-EP is an 8-bit, dual supply non-inverting voltage level translation. Pin Ax and direction
control pin are support by VCCA and pin Bx is support by VCCB. The A port is able to accept I/O voltages ranging
from 1.65 V to 5.5 V, while the B port can accept I/O voltages from 1.65 V to 5.5 V. The high on DIR allows data
transmission from A to B and a low on DIR allows data transmission from B to A.
9.2 Functional Block Diagram
Figure 2. Logic Diagram (Positive Logic)
9.3 Feature Description
9.3.1 Fully Configurable Dual-Rail Design Allows Each Port to Operate Over the Full 1.65-V to 5.5-V
Power-Supply Range
Both VCCA and VCCB can be supplied at any voltage between 1.65 V and 5.5 V making the device suitable for
translating between any of the voltage nodes (1.8 V, 2.5 V, 3.3 V and 5 V).
9.3.2 Ioff Supports Partial-Power-Down Mode Operation
Ioff prevents backflow current by disabling I/O output circuits when device is in partial-power-down mode.
9.4 Device Functional Modes
The SN74LVC8T245-EP is voltage level translator that can operate from 1.65 V to 5.5 V (VCCA) and 1.65 V to 5.5
V (VCCB). The signal translation between 1.65 V and 5.5 V requires direction control and output enable control.
When OE is low and DIR is high, data transmission is from A to B. When OE is low and DIR is low, data
transmission is from B to A. When OE is high, both output ports will be high-impedance.
(1)
Input circuits of the data I/Os are always active.
Table 1. Function Table(1)
(Each 8-Bit Section)
CONTROL INPUTS
OUTPUT CIRCUITS
OPERATION
OE
DIR
A PORT
B PORT
L
L
Enabled
Hi-Z
B data to A bus
L
H
Hi-Z
Enabled
A data to B bus
H
X
Hi-Z
Hi-Z
Isolation


Similar Part No. - SN74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP TI-SN74LVC8T245-EP Datasheet
330Kb / 13P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245-EP TI1-SN74LVC8T245-EP Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com