Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC8T245-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC8T245-EP
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC8T245-EP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC8T245-EP Datasheet HTML 1Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 2Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 3Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 4Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 5Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 6Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 7Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 8Page - Texas Instruments SN74LVC8T245-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
SN74LVC8T245-EP
www.ti.com
SCES770A – DECEMBER 2008 – REVISED MARCH 2017
Product Folder Links: SN74LVC8T245-EP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
(1)
VCCI is the VCC associated with the data input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused or driven (floating) data inputs (I/Os) of the device must be held at logic HIGH or LOW (preferably VCCI or GND) to ensure
proper device operation and minimize power. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature
number SCBA004.
(4)
All unused control inputs must be held at VCCA or GND to ensure proper device operation and minimize power consumption.
(5)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(6)
For VCCA values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
7.3 Recommended Operating Conditions
(1) (2) (3) (4)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.65
5.5
V
VCCB
1.65
5.5
VIH
High-level
input voltage
Data inputs(5)
1.65 to 1.95 V
VCCI × 0.65
V
2.3 to 2.7 V
1.7
3 to 3.6 V
2
4.5 to 5.5 V
VCCI × 0.7
VIL
Low-level
input voltage
Data inputs(5)
1.65 to 1.95 V
VCCI × 0.35
V
2.3 to 2.7 V
0.7
3 to 3.6 V
0.8
4.5 to 5.5 V
VCCI × 0.3
VIH
High-level
input voltage
Control inputs
(referenced to VCCA)
(6)
1.65 to 1.95 V
VCCA ×
0.65
V
2.3 to 2.7 V
1.7
3 to 3.6 V
2
4.5 to 5.5 V
VCCA × 0.7
VIL
Low-level
input voltage
Control inputs
(referenced to VCCA)
(6)
1.65 to 1.95 V
VCCA ×
0.35
V
2.3 to 2.7 V
0.7
3 to 3.6 V
0.8
4.5 to 5.5 V
VCCA × 0.3
VI
Input voltage
Control inputs
0
5.5
V
VI/O
Input/output
voltage
Active state
0
VCCO
V
Tri-state
0
5.5
IOH
High-level output current
1.65 to 1.95 V
–4
mA
2.3 to 2.7 V
–8
3 to 3.6 V
–24
4.5 to 5.5 V
–32
IOL
Low-level output current
1.65 to 1.95 V
4
mA
2.3 to 2.7 V
8
3 to 3.6 V
24
4.5 to 5.5 V
32
Δt/Δv
Input transition
rise or fall rate
Data inputs
1.65 to 1.95 V
20
ns/V
2.3 to 2.7 V
20
3 to 3.6 V
10
4.5 to 5.5 V
5
TA
Operating free-air temperature
–55
125
°C


Similar Part No. - SN74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP TI-SN74LVC8T245-EP Datasheet
330Kb / 13P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245-EP TI1-SN74LVC8T245-EP Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74LVC8T245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com