Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6382E351PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6382E351PR
Description  PFM CONTROLLED STEP UP DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6382E351PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6382E351PR Datasheet HTML 1Page - Torex Semiconductor XC6382E351PR Datasheet HTML 2Page - Torex Semiconductor XC6382E351PR Datasheet HTML 3Page - Torex Semiconductor XC6382E351PR Datasheet HTML 4Page - Torex Semiconductor XC6382E351PR Datasheet HTML 5Page - Torex Semiconductor XC6382E351PR Datasheet HTML 6Page - Torex Semiconductor XC6382E351PR Datasheet HTML 7Page - Torex Semiconductor XC6382E351PR Datasheet HTML 8Page - Torex Semiconductor XC6382E351PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PFM Controlled, Step‐Up DC/DC Converters (Duty Ratio 75%)
Series
487
4
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
NDuty 75%
NCMOS Low Power Consumption
NOperating Voltage
: 0.9V~10.0V
NOutput Voltage Range
: 2.0V~7.0V
NOutput Voltage Accuracy: ±2.5%
The XC6382 series is a group of PFM controlled step-up DC/DC
converters.
The XC6382 series employs CMOS process and laser trimming
technologies so as to attain low power and high accuracy.
Max. oscillator frequency is trimmed to 100kHz (accuracy: ±15%)
Every built-in switching transistor type enables a step-up circuit to be
configured using only three external components ; a coil, a diode, and a
capacitor.
External transistor versions are available to accommodate high output
current applications.
Both built-in and external transistor types include 5-pin and 3-pin
packages, which are provided with either a CE (chip enable) function that
reduces power consumption during shut-down mode, or a VDD pin
function (separating power and voltage detect pins).
SOT-23, SOT-25 and SOT-89-5 super mini-mold packages.
Operating (start-up) voltage range
: 0.9V~10V
Output voltage range : 2.0V~7.0V in 0.1V increments
Highly accurate
: Set-up voltage ±2.5%
Maximum oscillator frequency
: 100kHz (±15%)
Duty ratio
: 75%(±5%)
Both switching transistor built-in and external types are
available.
Five-lead packaged units offer either Chip Enable or
independent VOUT pin option.
Small package
: SOT-23, 25 mini-mold (3-pin, 5-pin)
SOT-89, 89-5 mini-power mold
(3-pin, 5-pin)
GCellular phones, pagers
GPalmtops
GCameras, video recorders
GPortable equipment
21
(TOP VIEW)
SOT-23
3
VOUT
SD
GND
CL
(Tantalum)
L
VIN
CIN
XC6382A301
L=100μH,C=47μF(Tantalum)
0
20
40
60
80
100
Output Current:IOUT(mA)
100
80
60
40
20
0
1.5V
1.2V
0.9V
VIN=1.8V
04S_09XC6382 02.09.12 14:53 ページ 487


Similar Part No. - XC6382E351PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6383 TOREX-XC6383 Datasheet
118Kb / 2P
   XC6383
XC6383A351ML TOREX-XC6383A351ML Datasheet
118Kb / 2P
   XC6383
XC6383A351MR TOREX-XC6383A351MR Datasheet
118Kb / 2P
   XC6383
XC6383A351PL TOREX-XC6383A351PL Datasheet
118Kb / 2P
   XC6383
XC6383A351PR TOREX-XC6383A351PR Datasheet
118Kb / 2P
   XC6383
More results

Similar Description - XC6382E351PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
L3383 UTC-L3383 Datasheet
250Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com