Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4532X7S2A475K230KB Datasheet(PDF) 2 Page - TDK Electronics

Part # C4532X7S2A475K230KB
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532X7S2A475K230KB Datasheet(HTML) 2 Page - TDK Electronics

  C4532X7S2A475K230KB_17 Datasheet HTML 1Page - TDK Electronics C4532X7S2A475K230KB_17 Datasheet HTML 2Page - TDK Electronics C4532X7S2A475K230KB_17 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multilayer Ceramic Chip Capacitors
2 of 3
Creation Date : March 15, 2017 (GMT)
C4532X7S2A475K230KB
Characteristic Graphs(This is reference data, and does not guarantee the products characteristics.)
Impedance
C4532X7S2A475K230KB
ESR
C4532X7S2A475K230KB
Capacitance
C4532X7S2A475K230KB
DC Bias Characteristic
C4532X7S2A475K230KB
Temperature Characteristic
C4532X7S2A475K230KB(No Bias)
C4532X7S2A475K230KB(DC Bias =
50V )
Ripple Temperature Rising
C4532X7S2A475K230KB(100kHz)
C4532X7S2A475K230KB(500kHz)
C4532X7S2A475K230KB(1MHz)
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - C4532X7S2A475K230KB_17

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7S2A475K230KB TDK-C4532X7S2A475K230KB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
logo
NXP Semiconductors
C4532X7S2A475K230KB NXP-C4532X7S2A475K230KB Datasheet
805Kb / 23P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 2, 10/2021
More results

Similar Description - C4532X7S2A475K230KB_17

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com