Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB706WM-40 Datasheet(PDF) 1 Page - Rohm

Part # RB706WM-40
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB706WM-40 Datasheet(HTML) 1 Page - Rohm

  RB706WM-40 Datasheet HTML 1Page - Rohm RB706WM-40 Datasheet HTML 2Page - Rohm RB706WM-40 Datasheet HTML 3Page - Rohm RB706WM-40 Datasheet HTML 4Page - Rohm RB706WM-40 Datasheet HTML 5Page - Rohm RB706WM-40 Datasheet HTML 6Page - Rohm RB706WM-40 Datasheet HTML 7Page - Rohm RB706WM-40 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB706WM-40
lApplication
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
High speed switching
lFeatures
1) Small mold type
(EMD3F)
2) High reliability
lStructure
3) Super low VF
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Symbol
Unit
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating Junction Temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
Forward voltage
VF
-
-
0.37
V
Reverse current
IR
-
-
0.5
mA
Capacitance between terminals
Ct
-
1.4
-
pF
A
Average forward rectified current
IO
Glass epoxy board mounted, 60Hz half sin wave,
30
mA
resistive load, per diode
45
Duty≦0.5
Parameter
Limits
Conditions
VR=1V, f=1MHz
Direct reverse voltage
IF=1mA
Conditions
1cycle, per diode
-
-
60Hz half sin wave,non-repetitive at Ta=25ºC,
VR=30V
Parameter
40
125
-55 to +125
IFSM
Non-repetitive forward surge current
0.2
EMD3F
0.6
0.6
0.5 0.5
0.7
Cathode/
Anode
Anode
(1)
(2)
(3)
(1)
(2)
(3)
Cathode
ROHM : EMD3F
JEDEC : SOT-416FL
JEITA : SC-89
: Year, week and factory
1.60±0.1
1.00±0.10
(0.5)
(0.5)
0.26
+0.10
0~0.10
(1)
(3)
(2)
0.70±0.10
Each lead has
same dimensions
-0.05
3J
TL
1/4
2016.06 - Rev.A


Similar Part No. - RB706WM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB706W-40 ROHM-RB706W-40 Datasheet
1Mb / 5P
   Schottky Barrier Diode
RB706W-40 ROHM-RB706W-40 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB706W-40 ROHM-RB706W-40_16 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB706WM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com