Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB238T-40NZ Datasheet(PDF) 1 Page - Rohm

Part # RB238T-40NZ
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB238T-40NZ Datasheet(HTML) 1 Page - Rohm

  RB238T-40NZ Datasheet HTML 1Page - Rohm RB238T-40NZ Datasheet HTML 2Page - Rohm RB238T-40NZ Datasheet HTML 3Page - Rohm RB238T-40NZ Datasheet HTML 4Page - Rohm RB238T-40NZ Datasheet HTML 5Page - Rohm RB238T-40NZ Datasheet HTML 6Page - Rohm RB238T-40NZ Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB238T-40NZ
lApplication
lDimensions (Unit : mm)
lStructure
Switching power supply
lFeatures
1) Cathode common dual type
2) High reliability
3) Super low IR
lConstruction
Silicon epitaxial planar type
lPackage Dimensions (Unit : mm)
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical and Thermal Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
Forward voltage
VF
-
-
0.80
V
Reverse current
IR
-
-
12
mA
Thermal resistance
Rth(j-c)
-
-
2
°C/W
Junction to case
150
-
-55 to +150
Parameter
Conditions
-
IF=20A
VR=40V
A
IO/2 per diode, Tc=85ºC Max.
Non-repetitive forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive at
100
A
Ta=25ºC , 1cycle, per diode
Average forward rectified current
Io
60Hz half sin wave, resistive load,
Duty≦0.5
45
Direct reverse voltage
40
40
Parameter
Symbol
Conditions
Limits
Unit
(1)
(2)
(3)
Anode Cathode Anode
ROHM : TO220FN
: Manufacture date
1
2.45±0.5 2.45±0.5
1.2
1.3
0.8
(1) (2) (3)
4.5±
2.6±0.5
0.3
0.1
2.8±
0.2
0.1
0.75±
0.1
0.05
10.0±
0.3
0.1
f3.2±0.2
1
540
7
1/3
2016.09 - Rev.A


Similar Part No. - RB238T-40NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB238T-30NZ ROHM-RB238T-30NZ Datasheet
688Kb / 7P
   Schottky Barrier Diode
RB238T-60NZ ROHM-RB238T-60NZ Datasheet
691Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RB238T-40NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com