Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6365C Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6365C
Description  PWM PWM/PFM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365C Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6365C Datasheet HTML 1Page - Torex Semiconductor XC6365C Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
________________________________________________________________________________________________________________ ●
47
XC6365/XC6366系列 
PWM、PWM/PFM切换降压DC/DC控制器
概  要
特  点
XC6365/XC6366系列是内置高速低通态电阻驱动器的通用高频
降压DC/DC控制器集成电路。使用晶体管、线圈、二极管和电
容器共4种外置元件,可构建输出电流为1A以上的高效率降压
DC/DC转换器。
该器件可在1.5V~6.0V(精度±2.5%)范围内,以0.1V的间隔
进行设定(VOUT型)。并且,除了VOUT型之外,还备有内置1.0V
的基准电压源,可以外置元件任意设定输出电压的型号(FB
型)。
因开关频率高达300kHz,可使用小型外置元件。
在小负载时,PWM/PFM切换控制型XC6366系列以PFM工作模式
进行工作。因此,在从小负载至大输出电流的整个负载范围内,
达到高效率。
软启动时间有,在内部设定为10ms的型号(A、B型),以及可用
外置电阻和电容器进行调整的的型号(C、D型)。
使用待机功能,可停止工作使电流消耗达到0.5
µA以下(CE端
"L")。
内置U.V.L.O.功能,当输入电压在规定电压以下时,会强制性
地将外置晶体管断开。
输入电压范围
:2.2V~10V
输出电压范围
:在1.5V~6.0V范围内,可以0.1V间隔
进行设定。
设定电压精度±2.5%
工作频率
:300kHz±15%
客户产品180、500kHz
最大输出电流
:1.0A以上(VIN=5.0V、VOUT=3.0V)
高效率
:92%(TYP.)
待机功能
:ISTB=0.5
µA(max.)
备有软启动时间外部设定型
备有输出电压内部设定型(VOUT型)和外部设定型(FB型)
SOT-25封装
引脚排列
引脚说明
SOT-25
(TOPVIEW)
1
2
3
4
5
VDD
EXT/
GND
VOUT
(FB)
CE
引脚序号
符号
功  能
1
EXT/
连接外置晶体管
2VDD
电源
3
GND
接地
4CE
停机控制
(C、D 型:软启动外部设定、
兼软启动电容器连接)
5
VOUT
(FB)
输出电压监测
(B、D 型:输出电压外部设定)
电路框图
(1) XC6365、XC6366系列 A、C型(VOUT型)
(2) XC6365、XC6366系列 B、D型(FB型)
+
-
Phase
Compensation
Buffer,
Driver
RampWave
Generator,
OSC
PWM/PFM
Controler
Vrefwith
SoftStart,
CE
+
-
EXT/
PWM
Comparator
VDD
GND
VOUT
ErrorAmp.
CE
FB
+
-
Phase
Compensation
Buffer,
Driver
RampWave
Generator,
OSC
PWM/PFM
Controler
Vrefwith
SoftStart,
CE
+
-
EXT/
PWM
Comparator
VDD
GND
ErrorAmp.
CE


Similar Part No. - XC6365C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365C TOREX-XC6365C Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365C102EL TOREX-XC6365C102EL Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365C102ER TOREX-XC6365C102ER Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365C102ML TOREX-XC6365C102ML Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365C102MR TOREX-XC6365C102MR Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
More results

Similar Description - XC6365C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
logo
Analog Devices
UG-179 AD-UG-179 Datasheet
429Kb / 12P
   Automatic PFM/PWM mode switching
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
   Integrated PWM/PFM boost convertor
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com