Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP151A11B0MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XP151A11B0MR
Description  POWER MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP151A11B0MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XP151A11B0MR Datasheet HTML 1Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 2Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 3Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XP151A11B0MR
803
11
■Electrical Characteristics
DC Characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Drain Cut-off Current
Idss
Vds = 30V , Vgs = 0V
10
µA
Gate-Source Leakage Current
Igss
Vgs =
± 20V , Vds = 0V
± 10
µA
Gate-Source Cut-off Voltage
Vgs (off )
Id = 1mA , Vds = 10V
1.0
3.0
V
Drain-Source On-state Resistance
Id = 0.5A , Vgs = 10V
0.09
0.12
( note )
Id = 0.5A , Vgs = 4.5V
0.13
0.17
Forward Transfer Admittance
( note )
Body Drain Diode
Forward Voltage
( note ) : Effective during pulse test.
Dynamic Characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
Ciss
150
pF
Output Capacitance
Coss
Vds = 10V , Vgs = 0V
90
pF
Feedback Capacitance
Crss
f = 1 MHz
30
pF
Switching Characteristics
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-on Delay Time
td ( on )
10
ns
Rise Time
tr
Vgs = 5V , Id = 0.5A
15
ns
Turn-off Delay Time
td ( off )
Vdd = 10V
25
ns
Fall Time
tf
45
ns
Thermal Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal Resistance
Implement on a ceramic
( channel-ambience )
PCB
Id = 0.5A , Vds = 10V
| Yfs |
Rds ( on )
S
2.4
°C / W
250
Rth ( ch-a )
Vf
If = 1A , Vgs = 0V
V
0.8
1.1
11S_29XP151A11B0MR 02.9.12 4:07 PM ページ 803


Similar Part No. - XP151A11B0MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP151A11B0MR TOREX-XP151A11B0MR Datasheet
430Kb / 5P
   Power MOSFET
XP151A11B0MR TOREX-XP151A11B0MR Datasheet
299Kb / 5P
   Power MOSFET
logo
ZP Semiconductor
XP151A11B0MR ZPSEMI-XP151A11B0MR Datasheet
177Kb / 2P
   Power MOSFET
logo
VBsemi Electronics Co.,...
XP151A11B0MR VBSEMI-XP151A11B0MR Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Torex Semiconductor
XP151A11B0MR-12 TOREX-XP151A11B0MR-12 Datasheet
299Kb / 5P
   Power MOSFET
More results

Similar Description - XP151A11B0MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A11A1SR TOREX-XP132A11A1SR Datasheet
68Kb / 4P
   Power MOS FET
XP151A03A7MR TOREX-XP151A03A7MR Datasheet
54Kb / 4P
   Power MOS FET
XP162A11COPR TOREX-XP162A11COPR Datasheet
59Kb / 4P
   Power MOS FET
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
57Kb / 4P
   Power MOS FET
logo
List of Unclassifed Man...
XP133A1235SR ETC1-XP133A1235SR Datasheet
60Kb / 4P
   Power MOS FET
logo
Torex Semiconductor
XP132A1635SR TOREX-XP132A1635SR Datasheet
56Kb / 4P
   Power MOS FET
XP133A1145SR TOREX-XP133A1145SR Datasheet
161Kb / 4P
   Power MOS FET
XP162A12A6PR TOREX-XP162A12A6PR Datasheet
52Kb / 4P
   Power MOS FET
0770_XP152A01D8MR TOREX-0770_XP152A01D8MR Datasheet
156Kb / 4P
   Power MOS FET
0783_XP161A11A1PR TOREX-0783_XP161A11A1PR Datasheet
134Kb / 4P
   Power MOS FET
0790_XP162A01B5PR TOREX-0790_XP162A01B5PR Datasheet
163Kb / 4P
   Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com