Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6351A120MM Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6351A120MM
Description  CHARGE PUMP VOLTAGE INVERTER IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A120MM Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6351A120MM Datasheet HTML 1Page - Torex Semiconductor XC6351A120MM Datasheet HTML 2Page - Torex Semiconductor XC6351A120MM Datasheet HTML 3Page - Torex Semiconductor XC6351A120MM Datasheet HTML 4Page - Torex Semiconductor XC6351A120MM Datasheet HTML 5Page - Torex Semiconductor XC6351A120MM Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XC6351A
Series
629
8
■Marking
1
2
3
4
SOT-26
(TOP VIEW)
DESIGNATOR
PRODUCT NAME
A
XC6351A***M*
q Represents the product series
w, e Represents the Oscillator frequency
0
DESIGNATOR
XC6351A035M*
XC6351A120M*
PRODUCT NAME
35kHz
120kHz
Oscillator
frequency
3
2
1
r Denotes the production lot number
  0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
C1+
C1-
VIN
CE/
Buffer
Oscillator
Chip
Enable
GND
P1
N2
N4
N3
VOUT
1. In operation, the following conditions will be repeated alternately :
P1 & N3 ON : N2 & N4 OFF
P1 & N3 OFF : N2 & N4 ON
2. In standby mode, P1, N3 & N4 will be ON and N2 will be OFF.
The output pin VOUT will be connected to GND.
Note :
PARAMETER
SYMBOL
RATINGS
UNITS
VIN input voltage
VIN
6V
VOUT pin voltage
VOUT
-6 ∼ 0.3
V
C1+ pin voltage
C1+
-0.3 ∼ VIN + 0.3
V
C1- pin voltage
C1-
VOUT - 0.3 ∼ 0.3
V
CE/ pin voltage
CE/
-0.3 ∼ VIN + 0.3
V
OUT pin current
IOUT
50
mA
Continuous Total
Power Dissipation
Pd
150
mW
Ambient Operating Temperature
Topr
−30 ∼+80
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
Ta = 25
°C, GND = 0V
■Block Diagram
■Absolute Maximum Ratings
08S_02XC6351A 02.09.12 15:31 ページ 629


Similar Part No. - XC6351A120MM

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A120ML TOREX-XC6351A120ML Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A120ML TOREX-XC6351A120ML Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A120MR TOREX-XC6351A120MR Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A120MR TOREX-XC6351A120MR Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A120MR TOREX-XC6351A120MR Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
More results

Similar Description - XC6351A120MM

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351 TOREX-XC6351_V01 Datasheet
447Kb / 11P
   Charge Pump Voltage Inverter IC
logo
Mitsumi Electronics, Co...
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com