Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66T0190-80P Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 66T0190-80P
Description  INITIAL PERMEABILITY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

66T0190-80P Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  66T0190-80P Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66T0190-80P
MM
INCHES
MM
INCHES
OD
4.83
(.190)
±
.15
(.006)
ID
2.29
(.090)
±
.15
(.006)
TH
2.97
(.117)
±
.15
(.006)
SINGLE PARAYLENE
OD
4.85
(.191)
±
.15
(.006)
ID
2.26
(.089)
±
.15
(.006)
TH
3.00
(.118)
±
.15
(.006)
WEIGHT / K
0.20226
INITIAL PERMEABILITY
3200
L1 Ref.
-25.0%
1.07
1.78
25.0%
100
1.60
10
1
TYPE
Min. DLB
VAC
1000
NOTES:
1. DC BIAS REQUIREMENT:
100 kHz / 383.8 mV / 24 turns / 38 AWG
H( Oe)
0.71
DC Bias (mA)
24.0
Min. Inductance (uH): (0 to 70
350.0
2. Cosmetic Specification refer to WI-QA-015.
Rev
Description
Date
INT
A
Original Draft
2011/6/21 Jcai
Date: 2011-6-21
DWG # 66T0190-80P-A
Rev:
Drawn By: Jcai
Title # 66T0190-80P
A
UNCONTROLLED DOCUMENT - FOR REFERENCE ONLY
Steward This document contains information which is proprietary to Steward. No production or publication of tis document
in whole or in part shall be made without written authorization from Steward.
COATING SPECIFICATIONS
Ref. Coating
(mm / mils.)
TEST FORCE (LB)
Paraylene
(0.0127 / 0.5)
.22
1.420
MIN.
TOL.
MIN.
(mH)
NOM.
(mH)
MAX.
(mH)
MAX.
TOL.
CORE DIMENSIONS
UNCOATED CORE
.4459 LBS
ELECTRICAL SPECIFICATION
VOLT.
(mV)
GAUSS
TURNS
FREQ.
(kHz)
OD
ID
TH
A
A


Similar Part No. - 66T0190-80P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
66T0190-70P LSTD-66T0190-70P Datasheet
91Kb / 1P
   Cosmetic Specification refer to WI-QA-015
More results

Similar Description - 66T0190-80P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
66T0155-00P LSTD-66T0155-00P Datasheet
49Kb / 1P
   INITIAL PERMEABILITY
66T0175-20P LSTD-66T0175-20P Datasheet
49Kb / 1P
   INITIAL PERMEABILITY
NS1000 LSTD-NS1000 Datasheet
300Kb / 2P
   High magnetic permeability
logo
Soshin electric Co., Lt...
RC5000Y SOSHIN-RC5000Y Datasheet
79Kb / 1P
   High permeability Ring core
logo
CUI INC
AMT-08C-2-036 CUI-AMT-08C-2-036 Datasheet
124Kb / 1P
   INITIAL RELEASE
08/18/2020
AMT-14C-0-020-USB CUI-AMT-14C-0-020-USB_V01 Datasheet
132Kb / 1P
   initial release
4/15/2020
logo
Infineon Technologies A...
TLD7002-16SHIELD INFINEON-TLD7002-16SHIELD Datasheet
1Mb / 14P
   Initial release
Rev.1.00 2022-07-26
logo
TE Connectivity Ltd
C-734251 TEC-C-734251 Datasheet
462Kb / 1P
   INITIAL RELEASE
logo
Laird Tech Smart Techno...
MSD45N LSTD-MSD45N Datasheet
890Kb / 25P
   Initial Release
logo
WIZnet Co., Ltd
WIZ550IO WIZNET-WIZ550IO Datasheet
501Kb / 8P
   Initial Release
1.0.0 2013-08-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com