Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC74UH Datasheet(PDF) 1 Page - Torex Semiconductor

Part No. XC74UH
Description  XC74UH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74UH Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74UH Datasheet HTML 1Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
________________________________________________________________________________________________________________ ●
63
XC74UH系列 
单门逻辑电路
概  要
XC74UH系列是采用硅栅极COMS工艺制造的。
CMOS具有电力消耗少的特点,可实现与LS-TTL一样的高速工作。
内置波形整波缓冲器,可达到抗扰度广而稳定的输出。
使用超小型微型模压SOT-25封装,可达到高密度安装。
产品一览表
品   名
功   能
XC74UH00AAM
2输入"与非"门
XC74UH02AAM
2输入"或非"门
XC74UH04AAM
反相器
XC74UH08AAM
2输入"与"门
XC74UH14AAM
施密特反相器
XC74UH32AAM
2输入"或"门
XC74UH86AAM
2输入"异"门
XC74UH4066M
模拟开关
XC74UHU04AM
反相器(无缓冲)
XC74UHU04WM
双反相器(无缓冲)
XC74UL系列 
单门逻辑电路
概  要
XC74UL系列是采用硅栅极COMS工艺制造的。
CMOS具有电力消耗少的特点,可实现超越LS-TTL的高速工作。由于可将电源电压以上的电压施加在输入上,可实现从5V变为3V系统的
电平变换。
内置波形整波缓冲器,可达到抗扰度广而稳定的输出。
可选用超小型微型模压SSOT-25或SOT-25封装,达到高密度安装。
产品一览表
品   名
SSOT-25
SOT-25
功   能
XC74UL00AAN
XC74UL00AAM
2输入"与非"门
XC74UL02AAN
XC74UL02AAM
2输入"或非"门
XC74UL04AAN
XC74UL04AAM
反相器
XC74UL08AAN
XC74UL08AAM
2输入"与"门
XC74UL14AAN
XC74UL14AAM
施密特反相器
XC74UL32AAN
XC74UL32AAM
2输入"或"门
XC74UL86AAN
XC74UL86AAM
2输入"异"门
XC74ULU04AN
XC74ULU04AM
反相器(无缓冲)
XC74UL4066N
XC74UL4066M
模拟开关


Similar Part No. - XC74UH

ManufacturerPart No.DatasheetDescription
Torex Semiconductor
Torex Semiconductor
XC74UL00AA TOREX-XC74UL00AA Datasheet
106Kb / 3P
   CMOS 2-Input NAND Gate
XC74UL00AA TOREX-XC74UL00AA Datasheet
150Kb / 4P
   CMOS Logic
XC74UL00AA-12 TOREX-XC74UL00AA-12 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL00AA_002 TOREX-XC74UL00AA_002 Datasheet
150Kb / 4P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_12 Datasheet
155Kb / 4P
   CMOS Logic
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz