Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS11A-102Z5-F Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # AMS11A-102Z5-F
Description  STRAIGHT PLUG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

AMS11A-102Z5-F Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  AMS11A-102Z5-F Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMS11A-102Z5-F Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMS11A-102Z5-F Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
HFM®
High-Speed FAKRA Mini
STRAIGHT PLUG
w. HOUSING
AMS11A-102Z5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 15 GHz
Return loss
≥ 25 dB, DC to 3 GHz
≥ 20 dB, DC to 6 GHz
≥ 15 dB, DC to 12 GHz
≥ 12 dB, DC to 15 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103 MΩ
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
RF-leakage ( optional )
≤ -60 dB up to 10 GHz
≤ -50 dB up to 15 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 15N
Disengagement force
≥ 2N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
RoHS
compliant
- Limitations are possible due to the used cable type -
Tooling
Crimp dimension acc. to assembly instruction
Suitable cables
Dacar 462
Packing
Standard (optional)
TBD
Weight
1,9 g/pce


Similar Part No. - AMS11A-102Z5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMS11A-1M4Z5-A ROSENBERGER-AMS11A-1M4Z5-A Datasheet
655Kb / 3P
   STRAIGHT PLUG
AMS11A-1M4Z5-B ROSENBERGER-AMS11A-1M4Z5-B Datasheet
655Kb / 3P
   STRAIGHT PLUG
AMS11A-1M4Z5-C ROSENBERGER-AMS11A-1M4Z5-C Datasheet
655Kb / 3P
   STRAIGHT PLUG
AMS11A-1M4Z5-D ROSENBERGER-AMS11A-1M4Z5-D Datasheet
655Kb / 3P
   STRAIGHT PLUG
AMS11A-1M4Z5-E ROSENBERGER-AMS11A-1M4Z5-E Datasheet
655Kb / 3P
   STRAIGHT PLUG
More results

Similar Description - AMS11A-102Z5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com