Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB160S Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SB160S
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SB160S Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SB160S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SB160S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ Low forward voltage drop,low switching losses
◇ High surge capability
MECHANICAL DATA
◇ Case:JEDEC A-405,molded plastic
◇ Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.008 ounces,0.23 grams
◇ Mounting position: Any
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SB
130S
SB
140S
SB
150S
SB
160S
SB
170S
SB
180S
SB
190S
SB
1100S
UNITS
Maximum recurrent peak reverse voltage
VRRM
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
21
28
35
42
49
56
63
70
V
Maximum DC blocking voltage
VDC
30
40
50
60
70
80
90
100
V
Maximum average forward rectified current
9.5mm lead length,
(see fig.1)
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125℃
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=100℃
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
℃/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermalresistance junction to ambient
BL
GALAXY ELECTRICAL
SB120S---SB1100S
50
- 55 --- + 150
- 55 --- + 150
www.galaxycn.com
0.85
0.5
5.0
110
80
A
◇ For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 20 --- 100 V
CURRENT: 1.0 A
A-405
◇ The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
IFSM
A
Maximum instantaneous forward voltage
@ 1.0A
VF
mA
IR
V
0.5
0.7
10.0
- 55 --- + 125
SB
120S
20
14
20
1.0
40.0
Document Number 0266063
1.
BLGALAXY ELECTRICAL
Dimensions in millimeters


Similar Part No. - SB160S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB160S TRSYS-SB160S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SB160S GOOD-ARK-SB160S Datasheet
138Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB160S PANJIT-SB160S Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SB160S SY-SB160S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB160S PANJIT-SB160S Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB160S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com