Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600D Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # P600D
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

P600D Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  P600D Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited P600D Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.4
10
1.0
0.1
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
.1
.2
.4
1.0
2
4
10
20
40
100
TJ=25
f=1MHz
20
40
10
1000
40
200
100
1
2
4
10
8
20
40
60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
100
200
300
400
75
25
0
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
1
2
5
3
4
6
100
125
175
150
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 1560128
2.
RATINGS AND CHARACTERISTIC CURVES
P600A---P600S
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 - PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES 60Hz
REVERSE VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC


Similar Part No. - P600D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P600D SUNMATE-P600D Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Pan Jit International I...
P600D PANJIT-P600D Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Won-Top Electronics
P600D WTE-P600D Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
CHENG-YI ELECTRONIC CO....
P600D CHENG-YI-P600D Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
P600D VISHAY-P600D Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
More results

Similar Description - P600D

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com