Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VVZB135 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VVZB135
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VVZB135 Datasheet(HTML) 2 Page - IXYS Corporation

  VVZB135 Datasheet HTML 1Page - IXYS Corporation VVZB135 Datasheet HTML 2Page - IXYS Corporation VVZB135 Datasheet HTML 3Page - IXYS Corporation VVZB135 Datasheet HTML 4Page - IXYS Corporation VVZB135 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2004 IXYS All rights reserved
2 - 5
VVZB 135
IXYS reserves the right to change limits, test conditions and dimensions.
I
R, ID
V
R = VRRM;TVJ =
25°C
0.1
mA
V
R = VRRM;TVJ = 150°C
20
mA
V
F, VT
I
F = 80 A;
T
VJ =
25°C
1.43
V
V
T0
for power-loss calculations only
0.85
V
r
T
T
VJ = 150°C
7.1
m
V
GT
V
D = 6 V;
T
VJ =
25°C
1.5
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ =
25°C
78
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = TVJM;VD =
2/
3 VDRM
0.2
V
I
GD
T
VJ = TVJM;VD =
2/
3 VDRM
5mA
I
L
V
D = 6 V; tG = 10 µs;
450
mA
di
G/dt = 0.45 A/µs; IG = 0.45 A
I
H
T
VJ = TVJM; VD = 6 V; RGK =
100
mA
t
gd
V
D = ½ VDRM;2
µs
di
G/dt = 0.45 A/µs; IG = 0.45 A
t
q
T
VJ = TVJM; VR = 100 V;
150
µs
V
D =
2/
3 VDRM; tP = 200 µs;
dv/dt = 15 V/µs; I
T = 20 A;
-di/dt = 10 A/µs
R
thJC
per diode
0.65 K/W
R
thCH
0.2
K/W
V
BR(CES)
V
GS = 0 V; IC = 0.1 mA
1200
V
V
GE(th)
I
C = 8 mA
4.5
6.45
V
I
CES
V
CE = 1200 V; TVJ =
25°C
0.1
mA
V
CE = 0,8VCES;TVJ = 125°C
0.5
mA
V
CEsat
V
GE = 15 V; IC = 100 A
3.5
V
t
SC (SCSOA)
V
GE = 15 V; VCE = 900 V; TVJ = 125°C
10
µs
RBSOA
V
GE = 15 V; VCE = 1200 V; TVJ = 125°C;
100
A
clamped inductive load; L = 100 µH;
R
G = 22
C
ies
V
CE = 25 V; f = 1 MHz, VGE = 0 V
3.8
nF
t
d(on)
150
ns
t
d(off)
680
ns
E
on
6mJ
E
off
5mJ
R
thJC
0.33 K/W
R
thCH
0.1
K/W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE = 720 V; IC = 50 A
V
GE = 15 V; RG = 22 Ω
Inductive load; L = 100 µH;
T
VJ = 125°C


Similar Part No. - VVZB135

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB135-16IOXT IXYS-VVZB135-16IOXT Datasheet
497Kb / 8P
   Thyristor Module(3~ Rectifier Bridge, half-controlled (high-side) Brake Unit NTC)
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
More results

Similar Description - VVZB135

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB120 IXYS-VVZB120 Datasheet
76Kb / 3P
   Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Solid States Devices, I...
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
Semikron International
SKDH116 SEMIKRON-SKDH116_09 Datasheet
1Mb / 4P
   3-Phase Bridge Rectifier IGBT braking chopper
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com