Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

748125024 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748125024
Description  Low-Pass-Filter WE-LPF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748125024 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748125024 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748125024 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748125024 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
1,6 ± 0,1
mm
B
4,0 ± 0,1
mm
C
8,0 ± 0,2
mm
D
1,5 +0,1/-0,0
mm
E
4,0 ± 0,1
mm
F
2,0 ± 0,1
mm
G
1,75 ± 0,1
mm
H
3,5 ± 0,1
mm
I
2,4 ± 0,1
mm
J
1,3 max.
mm
T
0,2 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
178,0 ± 2,0
mm
b
13,0 ± 0,3
mm
c
21,8 ± 0,8
mm
d
2,0 ± 0,5
mm
e
60,0 ± 0,5
mm
f
1,2 ± 2,0
mm
g
9,0 ± 0,3
mm
OO
Version 2
08-08-29
AWe
Version 1
04-10-11
Name
Änderung / modification
Datum/date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
748125024
Tiefpassfilter WE-LPF
Low-Pass-Filter WE-LPF
DATUM / DATE : 2004-10-11
I Rollenspezifikation / tape and reel specification :
Freigabe erteilt / general release:
Kunde / customer
......................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
...............................................
................................................
Geprüft / checked
Kontrolliert / approved
LF
J
I
T
A
B
C
H
G
F
E
øD
Trailer End
Trailer (80mm min.)
Leader End
Cover Tape Only
(250mm min.)
Empty Compartments
with Cover Tape (100mm min.)
The force for tearing off cover tape is
10 to 130 grams in arrow direction
feeding direction
< 10°
Øc
b
d
e
a
f
g
RoHS compliant
SEITE 3 VON 3


Similar Part No. - 748125024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748121055 WURTH-748121055 Datasheet
190Kb / 3P
   Low-Pass-Filter WE-LPF
More results

Similar Description - 748125024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748121055 WURTH-748121055 Datasheet
190Kb / 3P
   Low-Pass-Filter WE-LPF
748112024 WURTH-748112024 Datasheet
181Kb / 3P
   Low-Pass-Filter WE-LPF
748111009 WURTH-748111009 Datasheet
534Kb / 7P
   WE-LPF Multilayer Chip Low-Pass Filter
002.000
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com