Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9064 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SM-BGA-9064
Description  Low and stable contact resistance for reliable production yield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9064 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SM-BGA-9064 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9064 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9064 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9064 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PIN #1 CORNER
A2
A
A1
A'
C
E
D
E1
e
D1
e
B'
PIN #1 CORNER
0.10(4x)
A
B
DETAIL A'
SCALE 4 : 1
0.10 C
0.10 C
b (503x)
DETAIL B'
SCALE 6 : 1
0.15 C A B
0.08 C
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
1.
Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
2.
Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
3.
Parallelism measurement shall exclude any effect of mark on top surface of package.
4.
Ironwood Package Code BGA503D
DIM
MIN
NOM
MAX
A
1.36
1.417
1.788
A1
0.20
0.25
0.30
A2
1.167 REF
b
0.30
0.35
0.40
D/E
17
D1/E1
15.8
e
0.65
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible Device
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 11/04/2015
Material: N/A
Finish: N/A
Weight: 17.98
SM-BGA-9064 Drawing
SCALE: 3:1
SHEET: 3 OF 4
ENG: V. Panavala
FILE: SM-BGA-9064 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-BGA-9064

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9060 IRONWOOD-SM-BGA-9060 Datasheet
416Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9063 IRONWOOD-SM-BGA-9063 Datasheet
502Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9067 IRONWOOD-SM-BGA-9067 Datasheet
495Kb / 4P
   Minimum real estate required
More results

Similar Description - SM-BGA-9064

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com