Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9054 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9054
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9054 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9054 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9054 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9054 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9054 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9054 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
2
3
6
1
8
11
12
7
13
14
10
5
9
Socket base pin A1
BGA pin A1
12.725
17.725
12.725
17.725
4X
1.1913 THRU ALL
0-80 UNF THRU ALL
Insulation plate - Backing plate stack-up
4.59
ITEM NO.
Description
Material
1
GHz Socket Base 10mm IC 3mm Thk
7075-T6 Aluminum Alloy
2
Socket Lid
7075-T6 Aluminum Alloy
3
Compression Plate for 8.9x9.2mm IC
7075-T6 Aluminum Alloy
4
Compression Screw M6x1
Stainless Steel (18-8)
5
#0-80 X .313 LG, SOC HD CAP
SCREW, ALLOY STL, BLK OXIDE
Alloy Steel
6
#0-80 Shoulder Screw, 0.062" thread
length
Stainless Steel (303)
7
Target PCB
FR4
8
Test chip BGA109 11x11 array 0.5mm
pitch 6mm sq DUT
Material <not specified>
9
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
10
Ball guide BGA109 11x11 array
0.5mm pitch 6mm sq DUT
Kapton Polyimide/Cirlex
11
IC Guide BGA109 6mm Sq. 1.2mm
thick
Torlon 4203
12
SM elastomer; BGA109 11x11 array
0.5mm pitch 6mm sq DUT
SM elastomer
13
Backing Plate
7075-T6 Alumium Alloy
14
Insulation Plate
FR4 High temp
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-BGA 6mm sq. 0.5mm pitch 11x11 array; 109 pin BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/16/2014
Material: Material <not specified>
Finish:
Weight: 7.82
SM-BGA-9054 Drawing
SCALE: 3.5:1
SHEET: 4 OF 5
ENG: S. Faiz
FILE: SM-BGA-9054 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-BGA-9054

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9055 IRONWOOD-SM-BGA-9055 Datasheet
504Kb / 5P
   Easily removalbe swivel socket lid
More results

Similar Description - SM-BGA-9054

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com