Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-MLF-7050 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-MLF-7050
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7050 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-MLF-7050 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7050 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7050 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE 3 of 3
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: B
Date: 10/26/2010
File: SG-MLF-7050 Dwg.mcd
SG-MLF-7050 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Modified: 05/06/14, DH
10mm
10mm
0.01mm±0.05mm
0.25mmREF
0.6mm±0.05mm
6.5mm(Sqr)
0.5mm
Top View
Bottom View
Side View
Detailed View
Pin 1
0. 08 Z
0.65mm
0.5mm
0.4mm
0.22mm


Similar Part No. - SG-MLF-7050

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7051 IRONWOOD-SG-MLF-7051 Datasheet
36Kb / 3P
   IC guide prevents over compression of elastomer
SG-MLF-7053 IRONWOOD-SG-MLF-7053 Datasheet
58Kb / 3P
   IC guide prevents over compression of elastomer
SG-MLF-7056 IRONWOOD-SG-MLF-7056 Datasheet
50Kb / 5P
   IC guide prevents over compression of elastomer
More results

Similar Description - SG-MLF-7050

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com