Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9028290000 Datasheet(PDF) 5 Page - Weidmuller

Part # 9028290000
Description  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9028290000 Datasheet(HTML) 5 Page - Weidmuller

  9028290000 Datasheet HTML 1Page - Weidmuller 9028290000 Datasheet HTML 2Page - Weidmuller 9028290000 Datasheet HTML 3Page - Weidmuller 9028290000 Datasheet HTML 4Page - Weidmuller 9028290000 Datasheet HTML 5Page - Weidmuller 9028290000 Datasheet HTML 6Page - Weidmuller 9028290000 Datasheet HTML 7Page - Weidmuller 9028290000 Datasheet HTML 8Page - Weidmuller 9028290000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
J.5
J
Wire end ferrules with plastic collar
Weidmüller colour code
Ordering data
Strip of wire end ferrules
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.5/14
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
l
orange
500
9004270000
H0.75/14
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
m
white
500
9004290000
H1.0/14
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
yellow
500
9004320000
H1.5/14
1.50
16
14.0
8.0
1.7
3.2
0.15 0.25
10.0
l
red
500
9004340000
H2.5/14D
2.50
14
14.0
8.0
2.2
4.0
0.15 0.25
11.0
l
blue
500
9004360000
Weidmüller colour code
Ordering data
Reel of wire end ferrules
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.34/12
0.34
22
12.0
8.0
0.8
2.0
0.15 0.25
10.0
l
turquoise
5000
9004390000
H0.5/14
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
l
orange
5000
9005810000
H0.75/14
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
m
white
5000
9005820000
H1.0/14
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
11.0
l
yellow
5000
9005830000
H1.5/14
1.50
16
14.0
8.0
1.7
3.2
0.15 0.25
10.0
l
red
5000
9005840000
H2.5/14D
2.50
14
14.0
8.0
2.2
4.0
0.15 0.25
11.0
l
blue
3000
9005850000
L2
L1
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 0.5 to 2.5 mm2 (AWG 22-14)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4


Similar Part No. - 9028290000

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90282 NTE-90282 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
More results

Similar Description - 9028290000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com