Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-53SRC-DV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L-53SRC-DV
Description  T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-53SRC-DV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L-53SRC-DV Datasheet HTML 1Page - List of Unclassifed Manufacturers L-53SRC-DV Datasheet HTML 2Page - List of Unclassifed Manufacturers L-53SRC-DV Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-L53SR-2
Symbol
Parameter
Device
Typ.
Max.
Units Test Conditions
Peak Wavelength
Super Bright Green
Super Bright Red
565
660
nm
IF=20mA
Spectral Line
Halfwidth
Super Bright Green
Super Bright Red
30
20
nm
IF=20mA
Capacitance
Super Bright Green
Super Bright Red
45
95
pF
VF=0V;f=1MHz
Forward Voltage
Super Bright Green
Super Bright Red
2.2
1.85
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at TA=25°C
λpeak
IR
vF
C
∆λ1/2
Absolute Maximum Ratings at TA=25°C
Parameter
Super Bright Green
Super Bright Red
Units
Power dissipation
105
100
mW
DC Forward Current
25
30
mA
Peak Forward Current [1]
150
150
mA
Reverse Voltage
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
Notes:
1.1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
°C
°C
°C


Similar Part No. - L-53SRC-DV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-53SRC-DV KINGBRIGHT-L-53SRC-DV Datasheet
77Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - L-53SRC-DV

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
List of Unclassifed Man...
L7143 ETC-L7143 Datasheet
104Kb / 4P
   T-1 3/4 (5MM) SUPER BRIGH LED LAMPS
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT500-UR MARKTECH-MT500-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com