Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8447130000 Datasheet(PDF) 5 Page - Weidmuller

Part # 8447130000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8447130000 Datasheet(HTML) 5 Page - Weidmuller

  8447130000 Datasheet HTML 1Page - Weidmuller 8447130000 Datasheet HTML 2Page - Weidmuller 8447130000 Datasheet HTML 3Page - Weidmuller 8447130000 Datasheet HTML 4Page - Weidmuller 8447130000 Datasheet HTML 5Page - Weidmuller 8447130000 Datasheet HTML 6Page - Weidmuller 8447130000 Datasheet HTML 7Page - Weidmuller 8447130000 Datasheet HTML 8Page - Weidmuller 8447130000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Function
Areas of application
Description
Versions
Page
DC signal conditioners
PT100 signal conditioners
Thermocouple conditioners
Frequency signal conditioners
AD/DA converters
Current monitoring
Voltage monitoring
Motion and rotational
speed monitoring
Namur switching amplifier
Setpoint device
160
Signal conditioning, signal isolation,
DC input/fixed functions
MCZ
164
suppression of mass loops
and configurable inputs and
WAVEANALOG
174-184
outputs
WAVEANALOG PRO
185
Motor current limitation, pressure
DC input/limit value
DK
172
alarm, direct disconnection of
monitoring
MCZ
173
connected modules, safety function
Temperature monitoring, noise rejec-
RTD input/fixed functions
MCZ
165
tion, electrical decoupling of visualiza-
and configurable inputs and
WAVEANALOG
186-188
tion devices, suppression of mass
outputs
WAVEANALOG PRO
189
loops, heating and cooling monitoring,
overheating protection of motors
Temperature monitoring, noise rejec-
Thermo input/fixed functions
WAVEANALOG
190
tion, electrical decoupling of visualiza-
and configurable inputs and
WAVEANALOG PRO
191
tion devices, suppression of mass
outputs
loops, heating and cooling monitoring,
overheating protection of motors
Flow rate measurements, frequency
Input/fixed functions and
DK
167-168
converter monitoring, speed measure-
configurable inputs and
MCZ
166
ments, pulse processing
outputs
Conditioning of voltage and current
8-bit AD/DA converter
RS
210-213
signals in 8-bit/12-bit digital form
12-bit AD/DA converter
Motor current monitoring,
AC input/measuring of
DKI
172
emergency lighting monitoring
sinusoidal and non sinusoidal
WAVECONTROL
196-199
signals up to 60A
SMSI
200-203
Under and overvoltage monitoring,
One and three-phase
SMSU
204-205
operating status indication
overvoltage
Downtime monitoring, conveyor-drive
PNP/NPN or NAMUR
DKLW
169
monitoring, monitoring of fans, pumps
input/switching output
SMS
206
or pistons
Switching amplifier
Namur input/switching output
EGV
207
Testing measuring distances, defined
1 control input/+/-set value/
EMA/SW24
208
input of analogue values
analogue output
Selection Table of Functions


Similar Part No. - 8447130000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 8447130000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com