Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9025780000 Datasheet(PDF) 6 Page - Weidmuller

Part # 9025780000
Description  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9025780000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 9025780000 Datasheet HTML 2Page - Weidmuller 9025780000 Datasheet HTML 3Page - Weidmuller 9025780000 Datasheet HTML 4Page - Weidmuller 9025780000 Datasheet HTML 5Page - Weidmuller 9025780000 Datasheet HTML 6Page - Weidmuller 9025780000 Datasheet HTML 7Page - Weidmuller 9025780000 Datasheet HTML 8Page - Weidmuller 9025780000 Datasheet HTML 9Page - Weidmuller 9025780000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
J.6
J
Wire end ferrules with plastic collar
DIN colour code
Ordering data
packed loose
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
VG*
Qty.
Order No.
H0.5/12D
0.50
20
12.0
6.0
1.0
2.6
0.15 0.25
8.0
m
white
T 20A 001 A 500
9019000000
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
T 20A 002 A 500
9019010000
H0.5/16D
0.50
20
16.0 10.0
1.0
2.6
0.15 0.25
12.0
m
white
T 20A 003 A 500
9019020000
H0.75/12D
0.75
18
12.0
6.0
1.2
2.8
0.15 0.25
8.0
l
grey
T 20A 004 A 500
9019030000
H0.75/14D
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
grey
T 20A 005 A 500
9019040000
H0.75/16D
0.75
18
16.0 10.0
1.2
2.8
0.15 0.25
12.0
l
grey
T 20A 006 A 500
9019050000
H0.75/18D
0.75
18
18.0 12.0
1.2
2.8
0.15 0.25
14.0
l
grey
T 20A 007 A 500
9019060000
H1.0/12D
1.00
17
12.0
6.0
1.4
3.0
0.15 0.25
8.0
l
red
T 20A 008 A 500
9019070000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
T 20A 009 A 500
9019080000
H1.0/16D
1.00
17
16.0 10.0
1.4
3.0
0.15 0.25
12.0
l
red
T 20A 010 A 500
9019100000
H1.0/18D
1.00
17
18.0 12.0
1.4
3.0
0.15 0.25
15.0
l
red
T 20A 011 A 500
9019110000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
black
T 20A 012 A 500
9019120000
H1.5/16D
1.50
16
16.0 10.0
1.7
3.5
0.15 0.25
12.0
l
black
T 20A 013 A 500
9019130000
H1.5/18D
1.50
16
18.0 12.0
1.7
3.5
0.15 0.25
15.0
l
black
T 20A 014 A 500
9019140000
H1.5/24D
1.50
16
24.0 18.0
1.7
3.5
0.15 0.25
20.0
l
black
T 20A 015 A 500
9019150000
H2.5/15D
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
blue
T 20A 016 A 500
9019160000
H2.5/19D
2.50
14
19.0 12.0
2.2
4.2
0.15 0.25
14.0
l
blue
T 20A 017 A 500
9019170000
H2.5/25D
2.50
14
25.0 18.0
2.2
4.2
0.15 0.25
20.0
l
blue
T 20A 018 A 500
9019180000
H4.0/18D
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
grey
T 20A 019 A 500
9019190000
H4.0/20D
4.00
12
20.0 12.0
2.8
4.8
0.2
0.3
14.0
l
grey
T 20A 020 A 500
9019200000
H4.0/26D
4.00
12
26.0 18.0
2.8
4.8
0.2
0.3
20.0
l
grey
T 20A 021 A 100
9019210000
H6.0/20D
6.00
10
20.0 12.0
3.5
6.3
0.2
0.3
14.0
l
yellow
T 20A 022 A 100
9019220000
H6.0/26D
6.00
10
26.0 18.0
3.5
6.3
0.2
0.3
20.0
l
yellow
T 20A 023 A 100
9019230000
H10.0/22D
10.00
7
22.0 12.0
4.5
7.6
0.2
0.4
15.0
l
red
T 20A 024 A 100
9019240000
H10.0/28D
10.00
7
28.0 18.0
4.5
7.6
0.2
0.4
21.0
l
red
T 20A 025 A 100
9019250000
H16.0/22D
16.00
6
22.0 12.0
5.8
8.8
0.2
0.4
15.0
l
blue
T 20A 026 A 100
9019260000
H16.0/28D
16.00
6
28.0 18.0
5.8
8.8
0.2
0.4
21.0
l
blue
T 20A 027 A 100
9019270000
H25.0/30D
25.00
3
30.0 16.0
7.3 11.2
0.2
0.4
18.0
l
yellow
T 20A 028 A
50
9019280000
H25.0/36D
25.00
3
36.0 22.0
7.3 11.2
0.2
0.4
24.0
l
yellow
T 20A 030 A
50
9019300000
H35.0/32D
35.00
2
32.0 18.0
8.3 12.7
0.2
0.4
21.0
l
red
T 20A 032 A
50
9019320000
H35.0/30D
35.00
2
30.0 16.0
8.3 12.7
0.2
0.4
19.0
l
red
T 20A 031 A
50
9019310000
H35.0/39D
35.00
2
39.0 25.0
8.3 12.7
0.2
0.4
28.0
l
red
T 20A 033 A
50
9019330000
H50.0/36D
50.00
1
36.0 20.0 10.3 15.0
0.3
0.5
26.0
l
blue
T 20A 034 A
50
9019340000
H50.0/41D
50.00
1
41.0 25.0 10.3 15.0
0.3
0.5
31.0
l
blue
T 20A 035 A
50
9019350000
DIN colour code
Ordering data
in multipack bag
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
VG*
Qty.
Order No.
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
T 20A 002 A 500
9019400000
H0.75/14D
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
grey
T 20A 005 A 500
9019410000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
T 20A 009 A 500
9019420000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
black
T 20A 012 A 500
9019430000
H2.5/15
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
blue
T 20A 016 A 500
9026100000
H4.0/18
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
grey
019 A 250
9026010000
DIN colour code
Ordering data
Strip of wire end ferrules
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
T 20A 002 A 500
9004280000
H0.75/14D
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
grey
T 20A 005 A 500
9004300000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
T 20A 009 A 500
9004330000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.2
0.15 0.25
10.0
l
black
T 20A 012 A 500
9004350000
H2.5/14D
2.50
14
14.0
8.0
2.2
4.0
0.15 0.25
11.0
l
blue
T 20A 016 A 500
9004360000
VG* = Military designation according to VG 96933-20
L2
L1
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 0.5 to 50 mm2 (AWG 20-1)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4


Similar Part No. - 9025780000

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
9025 VPC-9025 Datasheet
1Mb / 2P
   Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
logo
List of Unclassifed Man...
9025 ETC2-9025 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
ETAL Group
9025 ETAL-9025 Datasheet
166Kb / 4P
   LOW PROFILE LINE MATCHING TRANSFORMER
logo
Heyco.
9025 HEYCO-9025 Datasheet
152Kb / 2P
   Snap Rivets
logo
NTE Electronics
90250 NTE-90250 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
More results

Similar Description - 9025780000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com