Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL21H801HBE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCCL21H801HBE
Description  265 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL21H801HBE Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCCL21H801HBE Datasheet HTML 1Page - Vishay Siliconix PTCCL21H801HBE Datasheet HTML 2Page - Vishay Siliconix PTCCL21H801HBE Datasheet HTML 3Page - Vishay Siliconix PTCCL21H801HBE Datasheet HTML 4Page - Vishay Siliconix PTCCL21H801HBE Datasheet HTML 5Page - Vishay Siliconix PTCCL21H801HBE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PTCCL - 265 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
1
Document Number: 29087
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
265 V PTC Thermistors for Overload Protection
QUALITY
UL approved PTCs are guaranteed to withstand severe test
programs and have factory audited follow-up programs.
Major UL qualification tests are long-life (6000 cycles)
electrical cycle tests at trip-current, long-life stability
storage tests (3000 h at 250 °C), damp heat and water
immersion tests and over-voltage tests up to 200 % of rated
voltage.
UL approved PTCs are guaranteed to withstand severe test
programs
• Long-life cycle tests (over 5000 trip cycles)
• Long-life storage tests (3000 h at 250 °C)
• Electrical cycle tests at low ambient temperatures
(-40 °C or 0 °C)
• Damp-heat and water immersion tests
• Overvoltage tests at up to 200 % of rated voltage
FEATURES
• Wide range of trip and non-trip currents:
From 11 mA up to 800 mA
• Small ratio between trip and non-trip currents
(It/Int = 1.5 at 25 °C)
• High maximum inrush current (up to 5.5 A)
• Leaded parts withstand mechanical stresses
and vibration
• UL file E148885 according to XGPU standard UL1434
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Overload (current, voltage, temperature) protection in:
• Industrial electronics
• Consumer electronics
• Electronic data processing
DESCRIPTION
These directly heated ceramic-based thermistors have a
positive temperature coefficient and are primarily intended
for overload protection. They consist of a ceramic pellet
soldered between two tinned CCS wires and coated with a
UL 94 V-0 high temperature hard silicone lacquer.
MOUNTING
PTC thermistors can be mounted by wave, reflow, or
hand-soldering. Current levels have been determined
according
IEC
60738
conditions.
Different
ways
of
mounting or connecting the thermistors can influence their
thermal and electrical behavior. Standard operation is in still
air, any potting or encapsulation of PTC thermistors is not
recommended and will change its operating characteristics.
Typical Soldering
235 °C; duration: 5 s (Lead (Pb)-bearing)
245 °C, duration: 5 s (Lead (Pb)-free)
Resistance to Soldering Heat
260 °C, duration: 10 s max.
MARKING
Only the gray lacquered thermistors with a diameter of
8.5 mm to 20.5 mm are marked with BC,
R25 value (example
1R9) on one side and Int, Vmax. on the other side.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum voltage (RMS or DC)
265
V
Maximum holding current (Int)
0.011 to 0.8
A
Resistance at 25 °C (
R25)
2.1 to 3000
Ω
Tolerance on
R25 value
20
%
Maximum overload current Iol
0.8 to 5.5
A
Switching temperature
135 to 145
°C
Operating temperature range
at max. voltage
0 to 70
°C
Storage temperature
-40 to +175
°C


Similar Part No. - PTCCL21H801HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL21H801HBE VISHAY-PTCCL21H801HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL21H801HBE VISHAY-PTCCL21H801HBE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL21H801HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com