Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP32103DB-T1-GE1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SiP32103DB-T1-GE1
Description  6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32103DB-T1-GE1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SiP32103DB-T1-GE1 Datasheet HTML 1Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 2Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 3Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 4Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 5Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 6Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 7Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 8Page - Vishay Siliconix SiP32103DB-T1-GE1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SiP32101, SiP32102, SiP32103
www.vishay.com
Vishay Siliconix
S15-0598-Rev. G, 30-Mar-15
5
Document Number: 62617
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated 25 °C, unless otherwise noted)
Fig. 9 - Shutdown Current vs.Temperature
Fig. 10 - On Resistance vs. Input Voltage
Fig. 11 - EN Pull down Resistance vs. Temperature
Fig. 12 - Normalized On Resistance vs. Load Current
Fig. 13 - Reverse Blocking Current (IRB) vs. Output Voltage
Fig. 14 - Rise Time vs. Temperature
0.001
0.01
0.1
1
10
- 40
- 15
10
35
60
85
Temperature (°C)
V
PA/VPB = 2.7 V
V
PA/VPB = 5 V
V
PA/VPB = 4.2
4
5
6
7
8
9
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
PA/VPB (V)
I
L = 0.5 A
400
420
440
460
480
500
520
540
560
580
600
- 40
- 15
10
35
60
85
Temperature (°C)
V
= 2.3 V
V
PA/VPB = 5.5 V
EN
0.95
1
1.05
1.1
1.15
1234567
I
OUT (A)
T
A = 25 °C
V
PA/VPB = 2.7 V
V
PA/VPB = 3.3 V
V
PA/VPB = 4.35 V
V
PA/VPB = 5 V
- 16
- 14
- 12
- 10
- 8
- 6
- 4
- 2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
PA/VPB (V)
V
PB/VPA = 2.3 V
0.80
0.90
1.00
1.10
1.20
1.30
- 40
- 15
10
35
60
85
Temperature (°C)
V
PA/VPB = 4.2 V
C
L = 0.1 μF
R
L = 10 Ω


Similar Part No. - SiP32103DB-T1-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32103DB-T1-GE1 VISHAY-SIP32103DB-T1-GE1 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
More results

Similar Description - SiP32103DB-T1-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101_V01 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
SIP32104 VISHAY-SIP32104 Datasheet
185Kb / 8P
   6.5 m, Bidirectional Battery Switch in Compact WCSP
Rev. B, 03-Apr-17
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
   50 mΩ, Slew Rate Controlled Load Switch in WCSP
Rev. B, 28-Apr-14
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com