Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL05H940ETE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTCCL05H940ETE
Description  30 V to 60 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H940ETE Datasheet(HTML) 4 Page - Vishay Siliconix

  PTCCL05H940ETE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H940ETE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H940ETE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H940ETE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H940ETE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H940ETE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PTCCL - 30 V / 60 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
4
Document Number: 29085
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC THERMISTORS IN BULK
Fig. 1
PTC THERMISTORS ON TAPE AND REEL
Fig. 2
COMPONENTS PACKING INFORMATION
SAP ORDERING PART NUMBER
SPQ
PACKING OUTLINE
PTCCL05H....BE
500
Bulk
PTCCL05H....TE
1500
Tape and reel
PTCCL07H....BE
PTCCL09H....BE
250
Bulk
PTCCL07H....TE
PTCCL09H....TE
1500
Tape and reel
PTCCL11H....BE
PTCCL13H....BE
250
Bulk
PTCCL11H....TE
1500
Tape and reel
PTCCL13H....TE
750
Tape and reel
PTCCL17H....BE
200
Bulk
PTCCL21H....BE
100
Bulk
L1
H3
DT
H2
F
d
DIMENSIONS OF BULK TYPE PTCs (in mm)
DSee table
d
0.6 ± 0.05
T
4.0 max.
H2
4.0 ± 1.0
H3
D + 5 max.
L1
20 min.
F5.0
L
d
P0
P1
F
D0
W0
W2
W1 W
P
T1
t
H1
H0
P
P
D
T
H2
H3
h
h
TAPE AND REEL ACCORDING TO
IEC 60286-2 (in mm)
SYMBOL
PARAMETER
DIMENSIONS TOLERANCE
D
Body diameter
See table
max.
d
Lead diameter
0.6
± 0.05
P
Pitch of components
Diameter < 12 mm
Diameter
≥ 12 mm
12.7
25.4
± 1.0
± 2.0
P0
Feedhole pitch
12.720.385
mm
± 0.3
F
Leadcenter to
leadcenter distance
(between component
and tape)
5.0
+ 0.5 /
- 0.2
H0
Lead wire
clinch height
16.0
± 0.5
H2
Component bottom
to seating plane
4.0
± 1.0
H3
Component top
to seating plane
D + 5
max.
T
Total thinkness
4.0
max.


Similar Part No. - PTCCL05H940ETE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H940ETE VISHAY-PTCCL05H940ETE Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H940ETE VISHAY-PTCCL05H940ETE Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL05H940ETE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30-V VISHAY-PTCCL-30-V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
2381660X491 VISHAY-2381660X491 Datasheet
515Kb / 6P
   30 to 60 V PTC Thermistors For Overload Protection
Revision: 12-Dec-05
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com