Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8604430000 Datasheet(PDF) 2 Page - Weidmuller

Part # 8604430000
Description  MCZ PT100/3 CLP -50C...150C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8604430000 Datasheet(HTML) 2 Page - Weidmuller

  8604430000 Datasheet HTML 1Page - Weidmuller 8604430000 Datasheet HTML 2Page - Weidmuller 8604430000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | Electronics | Analogue signal conditioning | Temperature RTD - signal isolator/converter | PT100,
2-/3-/4-conductor temperature transducer | MCZ PT100/3 CLP
- 2 -
Output
Accuracy
Typical 0.2%, max. 0.5% of FSR
Linearization
Yes
Step response time
10 ms
Temperature coefficient
Max. ± 250 ppm/K
Number of outputs
1
General data
Function
PT100
Input/Output
PT100/ 4...20 mA (current loop)
Galvanic isolation
Without isolation
Type of connection
Tension clamp connection
Mounting rail
TS 35
Voltage supply
Max. 30 V/ min. 9 V + (20 mA x RL)
Ambient temperature (operational)
0 °C...+50 °C
Storage temperature
-20 °C...+85 °C
Insulation coordination
Standards
EN 50178, EN 60751, IEC751
EMC standards
EMVG, EN 61000-6
Dimensions
Clamping range, max.
1.5 mm²
Clamping range, min.
0.5 mm²
Clamping range, nom.
1.5 mm²
Length
91 mm
Height
63.2 mm
Width
6 mm
Approvals
Approvals institutes
Classifications
eClass 4.1
27-20-02-06
eClass 5.0
27-20-02-06
eClass 5.1
27-20-02-06
Similar products
Order No.
Part designation
Version
8425720000
MCZ PT100/3 CLP 0...100C
Signal converter/disconnector, 4...20 mA (current loop) , Tension
clamp connection
8483680000
MCZ PT100/3 CLP 0...120C
Signal converter/disconnector, 4...20 mA (current loop) , Tension
clamp connection
8604420000
MCZ PT100/3 CLP 0...150C
Signal converter/disconnector, 4...20 mA (current loop) , Tension
clamp connection


Similar Part No. - 8604430000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8604 FILTRAN-8604 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8604 ETC2-8604 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8604 APITECH-8604 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86040-0200 MOLEX-86040-0200 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
More results

Similar Description - 8604430000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
   PT100 3 wire temperature probe
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
   PT100 Sensor
logo
Visual Communications C...
CLP125BLK VCC-CLP125BLK Datasheet
135Kb / 1P
   CLIPLITE CLP 125 MOUNT
CLP127BLK VCC-CLP127BLK Datasheet
97Kb / 1P
   CLIPLITE CLP 127 MOUNT
CLP126BLK VCC-CLP126BLK Datasheet
205Kb / 1P
   CLIPLITE CLP 126 MOUNT
logo
SparkFun Electronics
SPX-16770 SPARKFUN-SPX-16770 Datasheet
249Kb / 3P
   Qwiic PT100 - ADS122C04
7????0
logo
Visual Communications C...
CLP129BLK VCC-CLP129BLK Datasheet
162Kb / 1P
   CLIPLITE CLP 129 MOUNT
CLP-127 VCC-CLP-127 Datasheet
97Kb / 1P
   CLIPLITE CLP 127 MOUNT
logo
Samsung semiconductor
KB8527B SAMSUNG-KB8527B Datasheet
150Kb / 21P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com