Electronic Components Datasheet Search |
|
9456180000 Datasheet(PDF) 1 Page - Weidmuller |
|
9456180000 Datasheet(HTML) 1 Page - Weidmuller |
1 / 2 page Product catalogue | Sensor-Actuator-Interface (SAI) | SAI - passive | M12 distributor | Fixed cabel version | SAI-4/6/8-F 4P - 1 - General ordering data Order No. 9456200000 Part designation SAI-4-F 4P PUR 10M Version Sensor-actuator passive distributor, M12, Fixed cable version, 10.00 m, LED: Yes EAN 4008190304195 Qty. 1 pc(s). Dimensions Length 102 mm Height 25 mm Technical data Ambient temperature, max. 80 °C Ambient temperature, min. -20 °C Behaviour in fire V-0 Bus system without Contact carrier material PBT UL 94 V0 Contact material CuZn, pre-nickeled, gold-plated Contact surface tinned Contact tube O-ring material Viton Contact tube diameter M12 Current per signal 2 A Electrical isolation available No Hood sealing material Viton Housing colour grey, RAL 7032 Housing material Pocan Insulation resistance 1 MΩ LED colour for I/O function yellow LED colour for indicating operation green LED initiator Yes Number of contact sockets 4 Ordering data, title SAI-4/6/8-F Plugging cycles < = 50 Pollution severity 3 Protection class IP 68 Rated voltage 32 V DC Sheathing stripping length 100 mm Suitable for cable carriers Yes Test voltage 1 kVeff Threaded sockets CuZn, nickel-plated Total current 9 A Wiring diagram max. current-carrying capacity per slot 3 A max. voltage 30 V DC min. voltage 10 V No. of poles 4 Version complete module Cable length 10 m |
Similar Part No. - 9456180000 |
|
Similar Description - 9456180000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |