Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0409500000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0409500000
Description  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0409500000 Datasheet(HTML) 3 Page - Weidmuller

  0409500000 Datasheet HTML 1Page - Weidmuller 0409500000 Datasheet HTML 2Page - Weidmuller 0409500000 Datasheet HTML 3Page - Weidmuller 0409500000 Datasheet HTML 4Page - Weidmuller 0409500000 Datasheet HTML 5Page - Weidmuller 0409500000 Datasheet HTML 6Page - Weidmuller 0409500000 Datasheet HTML 7Page - Weidmuller 0409500000 Datasheet HTML 8Page - Weidmuller 0409500000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
J
J.3
Introduction
Tools
Tools for insulated cable lugs
Tool
Type of contact
Order No.
0.5 - 1.5
1.5 - 2.5
4.0 - 6.0
CTI 6
9006120000
l
l
l
CTI 6 G
9202850000
l
l
l
HTI 15
9014400000
l
l
Station
red
blue
yellow
Crimping tools for ferrules
PZ 1.5
stripax®
PZ 3
PZ 4
PZ 6
PZ 6 HEX
PZ 6/5
PZ 16
PZ 50
plus 2.5
roto
Order No.
9005990000
9020000000
0567300000
9012500000
9014350000
9013650000
9011460000
9012600000
9006450000
Ferrule mm2
H 0.14
l
l
l
H 0.25
l
l
l
l
H 0.34
l
l
l
l
H 0.5
l
l1
l
l
l
l
l
H 0.75
l
l1
l
l
l
l
l
H 1.0
l
l1
l
l
l
l
l
H 1.5
l
l1
l
l
l
l
l
H 2.5
l1
l
l
l
l
l
H 4.0
l
l
l
l
l
H 6.0
l
l
l
l
l
H 10.0
l
H 16.0
l
H 25.0
l
H 35.0
l
H 50.0
l
l1
= ferrules in strip form only
Twin wire end ferrules are to be crimped according to the following table:
Tool
Ferrules
Order No.
H 0.5
H 0.75
H 1.0
H 1.5
H 2.5
H 4.0
H 6.0
H 10.0
H 16.0
PZ 1.5
9005990000
l
l
PZ 3
0567300000
l
l
l
l
l
PZ 4
9012500000
l
l
l
l
l
PZ 6 roto
9014350000
l
l
l
l
l
l
PZ 6/5
9011460000
l
l
l
l
l
Station
1.5 mm2
1.5 mm2
2.5 mm2
2.5 mm2
4 mm2
6 mm2
PZ ZH 16
9013600000
l
l
l


Similar Part No. - 0409500000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
More results

Similar Description - 0409500000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com