Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8432210000 Datasheet(PDF) 43 Page - Weidmuller

Part # 8432210000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8432210000 Datasheet(HTML) 43 Page - Weidmuller

Back Button 8432210000 Datasheet HTML 39Page - Weidmuller 8432210000 Datasheet HTML 40Page - Weidmuller 8432210000 Datasheet HTML 41Page - Weidmuller 8432210000 Datasheet HTML 42Page - Weidmuller 8432210000 Datasheet HTML 43Page - Weidmuller 8432210000 Datasheet HTML 44Page - Weidmuller 8432210000 Datasheet HTML 45Page - Weidmuller 8432210000 Datasheet HTML 46Page - Weidmuller 8432210000 Datasheet HTML 47Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
WAVECONTROL
input and output range
adjustable via DIP switch
no calibration required
true TRMS value measurements
hall sensor measurement
method
198
Current Monitoring
Ordering data
Screw connection
Tension clamp connection
Technical data*
Input
Input current
Input frequency
Accuracy
Measuring principle
Connection type
Pass through diameter
Measurement circuit voltage
Max. measuring circuit
Output
Current/voltage selectable
Output voltage
Offset voltage
Load resistance
Output signal limit
Output current
Offset current
Load resistance
Status LED
Temperature coefficient
Response time (10 ... 90%)
Coordination of insulation acc. to DIN EN 50178, 04/98
(safe separation)
Rated voltage
Surge voltage
Overvoltage category
Contamination class
Clearance and creepage distance
Test voltage
General
Supply
Supply voltage
Power consumption at rated voltage
Reverse polarity protection
Operating temperature range
Storage/transport
Factory setting
Dimensions L/H/B (mm)
Weight
Approvals
Dimensions and accessories see
* TU = 23 °C single module
Type
Cat. No.
Qty.
WAS2 CMA 5/10A uc
8526610000
1
WAZ2 CMA 5/10A uc
8526620000
1
5 A uc/10 A uc selectable (without additional adjustment)
0 Hz - 2 kHz (True RMS to DC Converter)
1% (0 Hz - 1 kHz) Crest factor 3 FSR
2% (0 Hz - 2 kHz) Crest factor 5 FSR
Contact-free current monitoring using Hall sensor
Push-through connection
8 mm
400 Vac, higher voltages dependent on wire insulation
dependent on wire cross-section
0 ... 10 V
0 ... 20 mA
4 ... 20 mA
0 ... 10 V
max. 0.08 V
≥1 KΩ
approx. 13 V and. 24 mA
0/4 ... 20 mA
max.150 µA
≤ 600 Ω
green LED
ON–> OK; blinks –> signal out of range; OFF –> Error
≤ 650 ppm/K
typ. 700 ms
300 V
6 KV
lll
2
≥ 5.5 mm
4 kV eff
21.6 Vdc...24 Vdc...26.4 Vdc
50 mA at Iout = 20 mA
yes
0 ... 50 ºC
-20 ... +70 ºC
0 ... 5A uc; 4 ... 20 mA
92.4/112.4/22.5
150 g
CE, cUL
Page 298 + 308
Block diagram
Type
Cat. No.
Qty.
WAS2 CMA 20/25/30A uc
8545830000
1
WAZ2 CMA 20/25/30A uc
8545840000
1
20/25/30 A uc selectable (without additional adjustment)
0 Hz - 2 kHz (True RMS to DC Converter)
1% (0Hz - 1KHz) Crest factor 3 FSR
2% (0Hz - 2KHz) Crest factor 5 FSR
Contact-free current monitoring using Hall sensor
Push-through connection
8 mm
400 Vac, higher voltages dependent on wire insulation
dependent on wire cross-section
0 ... 10 V
0 ... 20 mA
4 ... 20 mA
0 ... 10 V
max. 0.08 V
≥1 KΩ
approx. 13 V and. 24 mA
0/4 ... 20 mA
max.150 µA
≤ 600 Ω
green LED
ON–> OK; blinks –> signal out of range; OFF –> Error
≤ 650 ppm/K
typ.700 ms
300 V
6 KV
lll
2
≥ 5.5 mm
4 kV eff
21.6 Vdc...24 Vdc...26.4 Vdc
50 mA at Iout = 20 mA
yes
0 ... 50 ºC
-20 ... +70 ºC
0 ... 25 A uc; 4 ... 20mA
92.4/112.4/22.5
150g
CE, cUL
Page 298 + 308
WAS2 CMA
WAZ2 CMA
WAS2 CMA
WAZ2 CMA
5/10A ac/dc
selectable with
analogue output
0 ... 20 mA/
4 ... 20 mA/
0 ... 10 V
20/25/30A ac/dc
selectable with
analogue output
0 ... 20 mA/
4 ... 20 mA/
0 ... 10 V
Approvals:
Input / Output
configurable


Similar Part No. - 8432210000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 8432210000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com