Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8447380000 Datasheet(PDF) 9 Page - Weidmuller

Part # 8447380000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8447380000 Datasheet(HTML) 9 Page - Weidmuller

Back Button 8447380000 Datasheet HTML 5Page - Weidmuller 8447380000 Datasheet HTML 6Page - Weidmuller 8447380000 Datasheet HTML 7Page - Weidmuller 8447380000 Datasheet HTML 8Page - Weidmuller 8447380000 Datasheet HTML 9Page - Weidmuller 8447380000 Datasheet HTML 10Page - Weidmuller 8447380000 Datasheet HTML 11Page - Weidmuller 8447380000 Datasheet HTML 12Page - Weidmuller 8447380000 Datasheet HTML 13Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
164
Passive Isolator
Block diagram
MCZ CCC 0…20 mA/0…20 mA
Type
Cat. No.
MCZ CCC 0…20 mA/0…20 mA
8411190000
without power supply
0…20 mA (max. 15 V)
< 100 µA
2.5…3 V (at 20 mA)
50 mA, 15 V
0…20 mA (max. 10 V)
approx. 5 ms at 500 Ω working resistance impedance
< 10 mVeff
approx. 200 kHz
< 0.1 % from end value, + 0.05 % from mean/100 Ω working resistance
< 50 ppm/K from measurement value for working resistance 0 Ω
510 Veff
EMVG
EN 50081-1
EN 50082-2
CE, UL, CSA
-25 °C…+40 °C
-25 °C…+50 °C
-40 °C …+85 °C
AWG 22…12
1.5 mm2
6 mm
Page 305
Ordering data
for TS 35
Technical data
Input
Response current
Voltage drop
Max. overload capacity at input
Output
Set time (T99)
Residual ripple
Chopper frequency
Transmission error
Temperature effect
Voltage strength
Input/output
EMC
Approvals
Ambient temperature
- assembled without spacing
- assembled with 20 mm spacing
Storage temperature
Conductor
Conductor cross-section
Overall width
Dimensions and accessories see
Working resistance diagram
100
500
RB (Ω)
IE = IA = 20 mA
UE (V)
This module is a reasonably priced passive
separator for galvanically separating standard
0.4...20 mA signals.
It draws its power from the measurement signal
and requires no further auxiliary power.
The measurement signal is transmitted 1:1. The
module is distinguished by its low power con-
sumption as well as a response current <100 µA.
15
3


Similar Part No. - 8447380000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447380000 WEIDMULLER-8447380000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447380000 WEIDMULLER-8447380000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447380000 WEIDMULLER-8447380000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 8447380000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com