Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8447370000 Datasheet(PDF) 3 Page - Weidmuller

Part # 8447370000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8447370000 Datasheet(HTML) 3 Page - Weidmuller

  8447370000 Datasheet HTML 1Page - Weidmuller 8447370000 Datasheet HTML 2Page - Weidmuller 8447370000 Datasheet HTML 3Page - Weidmuller 8447370000 Datasheet HTML 4Page - Weidmuller 8447370000 Datasheet HTML 5Page - Weidmuller 8447370000 Datasheet HTML 6Page - Weidmuller 8447370000 Datasheet HTML 7Page - Weidmuller 8447370000 Datasheet HTML 8Page - Weidmuller 8447370000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
158
2-way-isolation separates the signals galvanically and decouples the measurement
circuits. In so doing it eliminates potential differences caused by long cable lengths and
common reference points. Furthermore, the galvanic isolation offers protection against
destruction by overvoltage, and against inductive and capacitive interferences.
3-way-isolation also decouples the supply voltage from the input and output circuits,
and enables the function with only one operating voltage.
The passive isolator offers a further elementary advantage; it needs no additional volt-
age supply. The supply to the modules ensues via the input circuit and is the trans-
ferred to the output. This current loop supply is distinguished by very low power con-
sumption.
There are a large number of products available for measuring temperatures. RTD
PT100 signals, in 2-, 3- and 4-wire technology, are converted to standardised 0 – 20
mA, 4 – 20 mA and 0 – 10 V signals.
The modules which can be connected to commercially available thermocouples have
cold junction compensation as standard. Furthermore, the modules amplify and linea-
rize the voltage signals from the thermocouple. This guarantees an exact conditioning
of analogue signals by eliminating sources of interference and errors.
Frequency converters convert frequencies to standard analogue signals. This
enables controllers connected in series to directly process impulse trains when making
speed or rotational speed measurements.
It is inconceivable to think about automation without analogue-digital-analogue
converters. To bring together the aforementioned analogue form of describing the envi-
ronment and the customary digital processing, within the framework of process moni-
toring, it is necessary to convert analogue signals into digital signals. Weidmüller offers
modules for the following standard input and output signals: 0...20 mA, 4...20 mA and
0...10 V. 8-bit and 12-bit digital modules are available. All modules have an added input
for making instantaneous measurements.
Current monitoring modules enable the monitoring of current values up to 60 A in
alternating or direct voltages. Over range or under range values trip the switching out-
put. Modules with analogue outputs enable the continuous monitoring of currents via
connected controls.
Voltage monitoring modules can be used to monitor direct and alternating voltages.
Voltage fluctuations, resulting from switching operations or network overloads, can be
reliably recognised and reported via the adjustable threshold function.
Modules for monitoring of revolutions and torque enable the control of cyclic move-
ments on conveyor belts, ventilators and pumps. The output responds after a set
amount of time, should the expected impulse not be received. The reliable potential-
free relay contact, signalises the interference to the responsible component group.
Analogue Signal Processing


Similar Part No. - 8447370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447370000 WEIDMULLER-8447370000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447370000 WEIDMULLER-8447370000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447370000 WEIDMULLER-8447370000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 8447370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com