Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3SD21YWZD Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC3SD21YWZD
Description  Zero cross type DIP 6pin Phototriac Coupler for triggering
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD21YWZD Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC3SD21YWZD Datasheet HTML 3Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 4Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 5Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 6Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 7Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 8Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 9Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 10Page - Sharp Corporation PC3SD21YWZD Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
PC3SD21NTZ Series
0
10
20
30
40
50
60
70
−30
0
50
100
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D2-A07601EN
0
25
50
75
100
125
150
175
−30
0
50
100
Ambient temperature Ta (˚C)
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
1
5
10
50
100
Ta=100°C
75
°C
50
°C
25
°C
0
°C
−30°C
Fig.3-a Forward Current vs. Forward
Voltage (Rank B)
Fig.4-a Minimum Trigger Current vs.
Ambient Temperature (Rank B)
Fig.3-b Forward Current vs. Forward
Voltage (Rank C, Rank D)
Fig.4-b Minimum Trigger Current vs. Ambient
Temperature (Rank C, Rank D)
0
1
2
3
4
5
6
7
8
9
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=4V
RL=100Ω
1
5
10
0.9
1.1
1
1.2
1.3
1.4
1.5
50
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
VD
=4V
RL=100Ω
0
1
2
3
4
5
6
7
8
9
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)


Similar Part No. - PC3SD21YWZD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD21YTZB SHARP-PC3SD21YTZB Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZC SHARP-PC3SD21YTZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZCF SHARP-PC3SD21YTZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC3SD21YWZD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com