Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L493IT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L493IT
Description  T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L493IT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L493IT Datasheet HTML 1Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 2Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 3Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 4Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: CDA0723
REV NO: V.1
DATE: NOV/11/2001
PAGE: 4 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
Green L493GC,L493GT
High Efficiency Red L493EC


Similar Part No. - L493IT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD12 STMICROELECTRONICS-L4931ABD12 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD120 STMICROELECTRONICS-L4931ABD120 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD120TR STMICROELECTRONICS-L4931ABD120TR Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
L4931ABD15 STMICROELECTRONICS-L4931ABD15 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
More results

Similar Description - L493IT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
WP483YDT KINGBRIGHT-WP483YDT_15 Datasheet
322Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483SRSGW KINGBRIGHT-WP483SRSGW Datasheet
263Kb / 7P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483YDT KINGBRIGHT-WP483YDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT_15 Datasheet
321Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT_15 Datasheet
320Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483EDT KINGBRIGHT-WP483EDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483HDT KINGBRIGHT-WP483HDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT Datasheet
261Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com