Electronic Components Datasheet Search |
|
THCV217 Datasheet(PDF) 7 Page - THine Electronics, Inc. |
|
THCV217 Datasheet(HTML) 7 Page - THine Electronics, Inc. |
7 / 35 page THCV217-THCV218_Rev.2.11_E Copyright(C)2016 THine Electronics,Inc. 7 THine Electronics, Inc. Security E THCV218 THCV218 Pin Description PIN Name Ball # Type* Description RX0n,RX0p F1,F2 CI CML input for Lane0 RX1n,RX1p H1,H2 CI CML input for Lane1. Must be left OPEN when not used. R19-R10 A13,B12,B13, C12,C13,D12, D13,E12,E13,F13 O3 1st pixel data outputs G19-G10 A7,B8,A8,B9, A9,B10,A10, B11,A11,A12 O3 1st pixel data outputs B19-B10 A2,B3,A3,B4, A4,B5,A5, B6,A6,B7 O3 1st pixel data outputs CONT11,12 C1,C2 O3 User defined data outputs. Active only in 10bit mode. R29-R20 M6,N6,M5,N5, M4,N4,M3, N3,M2,N2 O3 2nd pixel data outputs G29-G20 M11,N11,M10, N10,M9,N9, M8,N8,M7,N7 O3 2nd pixel data outputs B29-B20 J12,J13,K12, K13,L12,L13, M12,M13,N12,N13 O3 2nd pixel data outputs CONT21,22 H13,H12 O3 User defined data outputs. Active only in 10bit mode. DE B1 O3 DE Output VSYNC B2 O3 Vsync Output HSYNC A1 O3 Hsync Output CLKOUT G13 O3 Pixel clock output HTPDN D1 OD3 Hot plug detect output. Must be connected to Tx HTPDN with a 10kW pull-up resistor. Hi-Z : when PDN=L, L: when PDN=H LOCKN D2 OD3 Lock detect output. Must be connected to Tx LOCKN with a 10kW pull-up resistor. It drives Low when the CDR locks to the incoming data. PDN L1 I3 Power down input H: Normal operation L: Power Down COL L3 I3 Color depth select input H: 8bit mode L: 10bit mode BET J2 I3L Field BET enable H: Enable L: Normal Operation When BET=High, Reserved7 must be Low. MODE1,0 J1,K2 I3 Operation mode select input HH: Reserved (Forbidden) HL: Single-in/Single-out LH: Dual-in/Single-out LL: Dual-in/Dual-out *type symbol CI=CML Input, OD3=3.3V Open drain output, O3=3.3V CMOS output I3=3.3V CMOS input, I3L=Low speed 3.3V CMOS input, I3PU=3.3V CMOS inout with an on-chip pullup resistor P=1.8v power supply, P3=3.3v power supply |
Similar Part No. - THCV217 |
|
Similar Description - THCV217 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |