Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCS132 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCS132
Description  I/OSpreader
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS132 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCS132_15 Datasheet HTML 1Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS132_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THCS132_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
3/19
Absolute Maximum Rating
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage VDD
-
-0.4
-
6
V
Digital Input Voltage
(DATA0-DAT15,WIDTH,BID,FILT,DIR,SIG,
RSTN)
-
-0.4
-
6
V
Open-drain Output Pin(FAULTN)
-
-0.4
-
6
V
Allowable Power Dissipation
Ta=25℃
-
-
2
W
Storage Temperature
-
-55
-
150
Junction Temperature
-
-
-
125
Recommended Operating Condition
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage VDD
-
3.0
-
5.5
V
Ambient Operating Temperature
-
-40
-
85


Similar Part No. - THCS132_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
   No External Clock Required
More results

Similar Description - THCS132_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
   I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
   I/OSpreader
THCS134 THINE-THCS134_15 Datasheet
737Kb / 20P
   I/OSpreader TSSOP28
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
   Signal conditioner - MINI MCR-2-I-I
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
   SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
   Fast Rectifier, 5A < I(O) / I(F) <10A
logo
PHOENIX CONTACT
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com