Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-SG-01-6.0 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # TS-SG-01-6.0
Description  To be used with swivel lid sockets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

TS-SG-01-6.0 Datasheet(HTML) 1 Page - Ironwood Electronics.

  TS-SG-01-6.0 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TS-SG-01-X.X Drawing
Status: Released
Drawing: Vinayak R
Scale: N/A
Rev: C
Date: 5/7/08
Modified: 01/07/10
File: TS-SG-01-X_X Dwg
TS-SG-01-X.X Drawing
Top View
Side View
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Description: Torque Indicating Screw
Torque screw for 3 in lbs -10 in lbs
To be used with swivel lid sockets.
Compression screw needs to be turned clockwise up to the point where
the arrow on top of the compression screw aligns with laser mark on the
compression screw bottom.
Tolerances: All tolerances are ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Compression Screw Top: Clear anodized
Aluminum.
1
1
2
Compression Screw Bottom: Black anodized
Aluminum M18 x1.5x6g Thread. 5mm Thread ht.
2
M18x1.5x6g.
Laser Mark
TS-SG-01-3.0
TS-SG-01-3.5
TS-SG-01-4.0
TS-SG-01-4.5
TS-SG-01-5.0
TS-SG-01-5.5
Ordering
Information
Part Number
Torque (in. lbs)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TS-SG-01-6.0
TS-SG-01-6.5
TS-SG-01-7.0
TS-SG-01-7.5
6.5
7.0
7.5
8.0
TS-SG-01-8.0
TS-SG-01-8.5
TS-SG-01-9.0
TS-SG-01-9.5
8.5
9.0
9.5
TS-SG-01-10.0
10.0
Note: Screw needs to be calibrated for a specific
torque.
Use part numbers shown in the table below to
order appropriate screw
22.27mm
44.7
Ø 36
Swivel lid socket with Torque
Indicating Screw


Similar Part No. - TS-SG-01-6.0

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TS-SG-02-0.5 IRONWOOD-TS-SG-02-0.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-1.0 IRONWOOD-TS-SG-02-1.0 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-1.5 IRONWOOD-TS-SG-02-1.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-2.0 IRONWOOD-TS-SG-02-2.0 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-2.5 IRONWOOD-TS-SG-02-2.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
More results

Similar Description - TS-SG-01-6.0

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TS-SG-02-0.5 IRONWOOD-TS-SG-02-0.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-03-0.5 IRONWOOD-TS-SS-03-0.5 Datasheet
74Kb / 1P
   To be used with Clamshell lid sockets
TS-SS-12-0.5 IRONWOOD-TS-SS-12-0.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
LS-BGA520C-05 IRONWOOD-LS-BGA520C-05 Datasheet
98Kb / 1P
   To be used with GHz sockets
SBT-BGA-6024 IRONWOOD-SBT-BGA-6024 Datasheet
334Kb / 6P
   Easily removable swivel lid
SBT-BGA-6025 IRONWOOD-SBT-BGA-6025 Datasheet
289Kb / 4P
   Easily removable swivel lid
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6382 IRONWOOD-SG-BGA-6382 Datasheet
549Kb / 4P
   Easily removable swivel top lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com