Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-SG-01-5.0 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part No. TS-SG-01-5.0
Description  To be used with swivel lid sockets
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo 

TS-SG-01-5.0 Datasheet(HTML) 1 Page - Ironwood Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TS-SG-01-X.X Drawing
Status: Released
Drawing: Vinayak R
Scale: N/A
Rev: C
Date: 5/7/08
Modified: 01/07/10
File: TS-SG-01-X_X Dwg
TS-SG-01-X.X Drawing
Top View
Side View
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Description: Torque Indicating Screw
Torque screw for 3 in lbs -10 in lbs
To be used with swivel lid sockets.
Compression screw needs to be turned clockwise up to the point where
the arrow on top of the compression screw aligns with laser mark on the
compression screw bottom.
Tolerances: All tolerances are ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Compression Screw Top: Clear anodized
Aluminum.
1
1
2
Compression Screw Bottom: Black anodized
Aluminum M18 x1.5x6g Thread. 5mm Thread ht.
2
M18x1.5x6g.
Laser Mark
TS-SG-01-3.0
TS-SG-01-3.5
TS-SG-01-4.0
TS-SG-01-4.5
TS-SG-01-5.0
TS-SG-01-5.5
Ordering
Information
Part Number
Torque (in. lbs)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TS-SG-01-6.0
TS-SG-01-6.5
TS-SG-01-7.0
TS-SG-01-7.5
6.5
7.0
7.5
8.0
TS-SG-01-8.0
TS-SG-01-8.5
TS-SG-01-9.0
TS-SG-01-9.5
8.5
9.0
9.5
TS-SG-01-10.0
10.0
Note: Screw needs to be calibrated for a specific
torque.
Use part numbers shown in the table below to
order appropriate screw
22.27mm
44.7
Ø 36
Swivel lid socket with Torque
Indicating Screw


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn