Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-QFN-7004 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SSC-QFN-7004
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SSC-QFN-7004 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SSC-QFN-7004 Datasheet HTML 1Page - Ironwood Electronics. SSC-QFN-7004 Datasheet HTML 2Page - Ironwood Electronics. SSC-QFN-7004 Datasheet HTML 3Page - Ironwood Electronics. SSC-QFN-7004 Datasheet HTML 4Page - Ironwood Electronics. SSC-QFN-7004 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
32.225
A
32.485
17.033
DETAIL A
SCALE 7 : 1
SSC-QFN-7004 DIRECT MOUNT, SOLDERLESS SOCKET FOR BURN-
IN AND TEST APPLICATIONS
Features
• Wide temperature range (-55C to +155C).
• High current capability (up to 3.2A).
• Excellent signal integrity at high frequencies.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity
variations.
• Automated probe manufacturing enables low cost and short
lead time.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Scrub Pin QFN 48A Socket
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 11/12/2012
Material: N/A
Finish: N/A
Weight: 21.38
SSC-QFN-7004 Drawing
SCALE: 2:1
SHEET: 1 OF 5
DRAWN BY: B. Fedde
FILE: SSC-QFN-7004


Similar Part No. - SSC-QFN-7004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
   S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
Seoul Semiconductor
SSC-AM101 SEOUL-SSC-AM101 Datasheet
390Kb / 7P
   CHIP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
logo
List of Unclassifed Man...
SSC-CMX2 ETC2-SSC-CMX2 Datasheet
249Kb / 1P
   Clip Addressable Output Module
logo
Seoul Semiconductor
SSC-D3232SL-88 SEOUL-SSC-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
More results

Similar Description - SSC-QFN-7004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com