Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43CA43A Datasheet(PDF) 74 Page - Texas Instruments

Part # TSB43CA43A
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA43A Datasheet(HTML) 74 Page - Texas Instruments

Back Button TSB43CA43A Datasheet HTML 70Page - Texas Instruments TSB43CA43A Datasheet HTML 71Page - Texas Instruments TSB43CA43A Datasheet HTML 72Page - Texas Instruments TSB43CA43A Datasheet HTML 73Page - Texas Instruments TSB43CA43A Datasheet HTML 74Page - Texas Instruments TSB43CA43A Datasheet HTML 75Page - Texas Instruments TSB43CA43A Datasheet HTML 76Page - Texas Instruments TSB43CA43A Datasheet HTML 77Page - Texas Instruments TSB43CA43A Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
74
FIELD
SIZE
TYPE
DESCRIPTION
LCtrl
1
Rd/Wr
Link-active status control. This bit controls the active status of the LLC as indicated
during self-ID. The logical AND of this bit and the LPS active status is replicated in the L
field (bit 9) of the self-ID packet. The LLC is considered active only if both the LPS input
is active and the LCtrl bit is set.
The LCtrl bit provides software controllable means to indicate the LLC active status in
lieu of using the LPS input.
The LCtrl bit is set to 1 by hardware reset and is unaffected by bus reset.
Note: The state of the PHY-LLC interface is controlled solely by the LPS input,
regardless of the state of the LCtrl bit. If the PHY-LLC interface is operational as
determined by the LPS input being active, then received packets and status information
continues to be presented on the interface, and any requests indicated on the LREQ
input is processed, even if the LCtrl bit is cleared to 0.
C
1
Rd/Wr
Contender status. This bit indicates that this node is a contender for the bus or
isochronous resource manager. This bit is replicated in the c field (bit 20) of the self-ID
packet. This bit is set to the state specified by the C/LKON input pin upon hardware reset
and is unaffected by bus reset.
Jitter
3
Rd
PHY repeater jitter. This field indicates the worst-case difference between the fastest and
slowest repeater data delay, expressed as (JITTER+1)*20 ns. For iceLynx-Micro this field
is 0.
Pwr_Class
3
Rd/Wr
Node power class. This field indicates this node’s power consumption and source
characteristics, and is replicated in the pwr field (bits 21–23) of the self-ID packet. This
field is set to 000 default value at hardware reset and is unaffected by bus-reset.
Software can program this field to change the power class. Software must perform a bus
reset after setting this field.
WDIE
1
Rd/Wr
Watchdog interrupt enable. This bit, if set to 1, enables the port event interrupt (PEI) bit to
be set whenever resume operations begin on any port. This bit also enables the C/LKON
output signal to be activated whenever the LLC is inactive and any of the CTOI, CPSI, or
STOI interrupt bits is set. This bit is reset to 0 by hardware reset and is unaffected by bus
reset.
ISBR
1
Rd/Wr
Initiate short arbitrated bus-reset. This bit, if set to 1, instructs the PHY to initiate a short
(1.30
µs) arbitrated bus-reset at the next opportunity. This bit is reset to 0 by bus reset.
Note: Legacy IEEE Std 1394-1995 compliant PHYs may not be capable of performing
short bus-resets. Therefore, initiation of a short bus-reset in a network that contains such
a legacy device results in a long bus reset being performed.
CTOI
1
Rd/Wr
Configuration time-out interrupt. This bit is set to 1 when the arbitration controller times
out during tree-ID start, and indicates that the bus is configured in a loop. This bit is reset
to 0 by hardware reset or by writing a 1 to this register bit.
If the CTOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY
activates the C/LKON output to notify the LLC to service the interrupt.
Note: If the network is configured in a loop, only those nodes that are part of the loop
generate a configuration time-out interrupt. All other nodes instead, time-out waiting for
the tree-ID and/or self-ID process to complete and then generate a state time-out
interrupt and bus reset.
CPSI
1
Rd/Wr
Cable power status interrupt. This bit is set to 1 whenever the CPS input transitions from
high to low indicating that cable power is too low for reliable operation. This bit is reset to
1 by a hardware reset. It is cleared by writing a 1 to this register bit.
If the CPSI and RPIE bits are both set and the LLC is or becomes inactive, the PHY
activates the C/LKON output to notify the LLC to service the interrupt.
STOI
1
Rd/Wr
State time-out interrupt. This bit indicates that a state time-out has occurred (which also
causes a bus reset to occur). This bit is reset to 0 by hardware reset or by writing a 1 to
this register bit.
If the STOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY
activates the C/LKON output to notify the LLC to service the interrupt.


Similar Part No. - TSB43CA43A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43AZGW TI1-TSB43CA43AZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Similar Description - TSB43CA43A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com