Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG-LGA-7004 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # XG-LGA-7004
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

XG-LGA-7004 Datasheet(HTML) 2 Page - Ironwood Electronics.

  XG-LGA-7004 Datasheet HTML 1Page - Ironwood Electronics. XG-LGA-7004 Datasheet HTML 2Page - Ironwood Electronics. XG-LGA-7004 Datasheet HTML 3Page - Ironwood Electronics. XG-LGA-7004 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12.225±0.125
SOCKET BASE
0.85±0.05 (x2)
Non plated alignment hole
1.71±0.1 (x4)
Non plated mounting hole
1.250±0.125 (x4)
1.250±0.125 (x4)
2.000
3.000
2.6375
4.450
14.725±0.125
Backing plate size
2.60 (x4)
3.250 (x4)
9.725±0.050 (x4)
3.4875*
0.650 typ.
0.650 typ.
E
Orientation Mark
0.4x0.3 pad (x44)
0.750 (x4)
0.400
0.300
0.500
0.650
0.650
0.650
0.650
0.500
Detail E
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: QFN pattern is shifted
0.25mm to the right of center with
respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 9/20/2012
Material: N/A
Finish: N/A
Weight: 7.78
XG-LGA-7004 Drawing
SCALE: 6:1
SHEET: 2 OF 4
DRAWN BY: S. Huang
FILE: XG-LGA-7004 Dwg


Similar Part No. - XG-LGA-7004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7001 IRONWOOD-XG-LGA-7001 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7002 IRONWOOD-XG-LGA-7002 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7003 IRONWOOD-XG-LGA-7003 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7005 IRONWOOD-XG-LGA-7005 Datasheet
466Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - XG-LGA-7004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com